Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5381 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS5381
Description  120 dB, 192 kHz, Multi-Bit Audio A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5381 Datasheet(HTML) 4 Page - Cirrus Logic

  CS5381 Datasheet HTML 1Page - Cirrus Logic CS5381 Datasheet HTML 2Page - Cirrus Logic CS5381 Datasheet HTML 3Page - Cirrus Logic CS5381 Datasheet HTML 4Page - Cirrus Logic CS5381 Datasheet HTML 5Page - Cirrus Logic CS5381 Datasheet HTML 6Page - Cirrus Logic CS5381 Datasheet HTML 7Page - Cirrus Logic CS5381 Datasheet HTML 8Page - Cirrus Logic CS5381 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
DS563F2
CS5381
1. PIN DESCRIPTIONS
Pin Name
#
Pin Description
RST
1
Reset (Input) - The device enters a low power mode when low.
M/S
2
Master/Slave Mode (Input) - Selects operation as either clock master or slave.
LRCK
3
Left Right Clock (Input/Output) - Determines which channel, Left or Right, is currently active on the
serial audio data line.
SCLK
4
Serial Clock (Input/Output) - Serial clock for the serial audio interface.
MCLK
5
Master Clock (Input) - Clock source for the delta-sigma modulator and digital filters.
VD
6
Digital Power (Input) - Positive power supply for the digital section.
GND
7,18
Ground (Input) - Ground reference. Must be connected to analog ground.
VL
8
Logic Power (Input) - Positive power for the digital input/output.
SDOUT
9
Serial Audio Data Output (Output) - Output for two’s complement serial audio data.
MDIV
10
MCLK Divider (Input) - Enables a master clock divide by two function.
HPF
11
High-Pass Filter Enable (Input) - Enables the Digital High-Pass Filter.
I²S/LJ
12
Serial Audio Interface Format Select (Input) -Selects either the left-justified or I²S format for the SAI.
M0
M1
13,14 Mode Selection (Input) - Determines the operational mode of the device.
OVFL
15
Overflow (Output, open drain) - Detects an overflow condition on both left and right channels.
AINL+
AINL-
16, 17
Differential Left Channel Analog Input (Input) - Signals are presented differentially to the delta-sigma
modulators via the AINL+/- pins.
VA
19
Analog Power (Input) - Positive power supply for the analog section.
AINR-
AINR+
20, 21
Differential Right Channel Analog Input (Input) -Signals are presented differentially to the delta-
sigma modulators via the AINR+/- pins.
VQ
22
Quiescent Voltage (Output) - Filter connection for the internal quiescent reference voltage.
REF_GND
23
Reference Ground (Input) - Ground reference for the internal sampling circuits.
FILT+
24
Positive Voltage Reference (Output) - Positive reference voltage for the internal sampling circuits.
RST
124
FILT+
M/S
223
REFGND
LRCK
322
VQ
SCLK
421
AINR+
MCLK
520
AINR-
VD
619
VA
GND
718
GND
VL
817
AINL-
SDOUT
916
AINL+
MDIV
10
15
OVFL
HPF
11
14
M1
I²S/LJ
12
13
M0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com