Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5381 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS5381
Description  120 dB, 192 kHz, Multi-Bit Audio A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5381 Datasheet(HTML) 2 Page - Cirrus Logic

  CS5381 Datasheet HTML 1Page - Cirrus Logic CS5381 Datasheet HTML 2Page - Cirrus Logic CS5381 Datasheet HTML 3Page - Cirrus Logic CS5381 Datasheet HTML 4Page - Cirrus Logic CS5381 Datasheet HTML 5Page - Cirrus Logic CS5381 Datasheet HTML 6Page - Cirrus Logic CS5381 Datasheet HTML 7Page - Cirrus Logic CS5381 Datasheet HTML 8Page - Cirrus Logic CS5381 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
DS563F2
CS5381
TABLE OF CONTENTS
1. PIN DESCRIPTIONS ............................................................................................................................... 4
2. CHARACTERISTICS AND SPECIFICATIONS....................................................................................... 5
SPECIFIED OPERATING CONDITIONS .................................................................................................... 5
ABSOLUTE MAXIMUM RATINGS............................................................................................................... 5
ANALOG CHARACTERISTICS (CS5381-KSZ/-KZZ).................................................................................. 6
DIGITAL FILTER CHARACTERISTICS....................................................................................................... 7
SWITCHING CHARACTERISTICS - SERIAL AUDIO PORT .................................................................... 10
DC ELECTRICAL CHARACTERISTICS.................................................................................................... 13
DIGITAL CHARACTERISTICS .................................................................................................................. 13
THERMAL CHARACTERISTICS .............................................................................................................. 13
TYPICAL CONNECTION DIAGRAM ......................................................................................................... 14
3. APPLICATIONS .................................................................................................................................... 15
3.1 Operational Mode/Sample Rate Range Select.............................................................................. 15
3.2 System Clocking ............................................................................................................................ 15
3.2.1 Master Mode ........................................................................................................................ 15
3.2.2 Slave Mode .......................................................................................................................... 16
3.3 Power-Up Sequence ..................................................................................................................... 16
3.4 Analog Connections ...................................................................................................................... 16
3.5 High-Pass Filter and DC Offset Calibration .................................................................................. 17
3.6 Overflow Detection ........................................................................................................................ 18
3.6.1 OVFL Configuration ............................................................................................................. 18
3.6.2 OVFL Output Timing ............................................................................................................ 18
3.7 Grounding and Power Supply Decoupling..................................................................................... 18
3.8 Synchronization of Multiple Devices .............................................................................................. 18
3.9 Capacitor Size on the Reference Pin (FILT+)................................................................................ 19
4. PACKAGE DIMENSIONS ..................................................................................................................... 20
5. ORDERING INFORMATION ................................................................................................................. 22
7. REVISION HISTORY ............................................................................................................................. 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com