Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS3590 Datasheet(PDF) 49 Page - Semtech Corporation

Part # GS3590
Description  Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3590 Datasheet(HTML) 49 Page - Semtech Corporation

Back Button GS3590 Datasheet HTML 45Page - Semtech Corporation GS3590 Datasheet HTML 46Page - Semtech Corporation GS3590 Datasheet HTML 47Page - Semtech Corporation GS3590 Datasheet HTML 48Page - Semtech Corporation GS3590 Datasheet HTML 49Page - Semtech Corporation GS3590 Datasheet HTML 50Page - Semtech Corporation GS3590 Datasheet HTML 51Page - Semtech Corporation GS3590 Datasheet HTML 52Page - Semtech Corporation GS3590 Datasheet HTML 53Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 118 page
background image
GS3590
Final Data Sheet Rev.4
PDS-061414 September 2017
49 of 118
Semtech
Proprietary & Confidential
www.semtech.com
The output pre-emphasis on the Trace Driver can be configured for the following four
rates:
CFG_OUTPUT1_TD_SD_PREEMPH_WIDTH (SD)
CFG_OUTPUT1_TD_SD_PREEMPH_AMPL (SD)
CFG_OUTPUT1_TD_HD_PREEMPH_WIDTH (HD)
CFG_OUTPUT1_TD_HD_PREEMPH_AMPL (HD)
CFG_OUTPUT1_TD_3G_PREEMPH_WIDTH (3G)
CFG_OUTPUT1_TD_3G_PREEMPH_AMPL (3G)
CFG_OUTPUT1_TD_BYPASS_PREEMPH_WIDTH (Bypass)
CFG_OUTPUT1_TD_BYPASS_PREEMPH_AMPL (Bypass)
The Trace Driver swing can be adjusted in ≈25mVpp increments. The default swing value
is 400Vppd into an external 100Ω differential load. Although an adequate swing and
pre-emphasis can be achieved with a 1.8V output supply, for long traces where
maximum output swing and pre-emphasis range is desired, it is recommended that the
device VCC_DDO output supply pin be connected to a 2.5V supply. The default
pre-emphasis settings provide minimal insertion loss compensation.
4.8.5.1 Pre-emphasis Optimization
The goal of pre-emphasis is to open the eye at the downstream receiver as much as
possible. This means minimizing ISI jitter while meeting sufficient inner eye amplitude
to meet a receiver's input sensitivity. The Cable Driver has the additional requirement to
meet the SMPTE output specification.
The GS3590 has a high level of precision for pre-emphasis control, which allows for fine
optimization of any loss channel. The default Cable Driver settings should meet SMPTE
output specification for most applications with short (1 to 2 inch) trace between the
GS3590 and the output BNC. However, the pre-emphasis values may be adjusted to
produce a better-looking eye. It is difficult to provide guidance regarding dB, as a 3G eye
diagram looks different depending on the video test equipment used. The designer
must optimize for their targets.
The only requirement of the Trace Driver pre-emphasis settings is to minimize ISI
introduced by a lossy link and maximize the eye opening at the receiver. The
pre-emphasis compensation of the GS3590 output channel is a two-step process. The
first step is to use the settings from Figure 4-12 to Figure 4-19 that best match the
insertion loss of the link in the application, while the second step is a fine optimization
procedure.
In most cases, where the downstream device has a CDR, the first step alone may meet
the design target. However, if the downstream device is a non-re-timed buffer or
crosspoint, it may be required to further optimize the settings to minimize the jitter
thereby maximizing the system jitter budget. To do this, please see the Fine
Optimization Procedure.
In the remainder of this section the following abbreviations are used for clarity:
DS = Driver Swing
PPA = Pre-emphasis Pulse Amplitude
PPW = Pre-emphasis Pulse Width



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com