Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS3590 Datasheet(PDF) 86 Page - Semtech Corporation

Part # GS3590
Description  Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3590 Datasheet(HTML) 86 Page - Semtech Corporation

Back Button GS3590 Datasheet HTML 82Page - Semtech Corporation GS3590 Datasheet HTML 83Page - Semtech Corporation GS3590 Datasheet HTML 84Page - Semtech Corporation GS3590 Datasheet HTML 85Page - Semtech Corporation GS3590 Datasheet HTML 86Page - Semtech Corporation GS3590 Datasheet HTML 87Page - Semtech Corporation GS3590 Datasheet HTML 88Page - Semtech Corporation GS3590 Datasheet HTML 89Page - Semtech Corporation GS3590 Datasheet HTML 90Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 118 page
background image
GS3590
Final Data Sheet Rev.4
PDS-061414 September 2017
86 of 118
Semtech
Proprietary & Confidential
www.semtech.com
16
SQUELCH_
PARAMETERS
RSVD
15
R/W
0
Reserved—do not modify.
CFG_CLI_SQUELCH_
THRESHOLD
14:8
R/W
40
Set the input signal squelch threshold.
Range = 0d to 40d (40d is max cable
reach determined for specific rate, cable
type, etc...)
RSVD
7
R/W
0
Reserved—do not modify.
CFG_CLI_SQUELCH_
HYSTERESIS
6:0
R/W
2
Set the input signal squelch hysteresis.
Range = 1d to 30d
17
CABLE_EQ_
BYPASS_
MODE
RSVD
15:2
R/W
0
Reserved—do not modify.
CTRL_CEQ_MANUAL_
BYPASS
1R/W
0
Controls Cable Equalizer [CEQ] (SDIO)
bypass when auto CEQ bypass is
disabled (CTRL_CEQ_AUTO_BYPASS= 0).
0 = Cable Equalizer never bypassed
1 = Cable Equalizer always bypassed
CTRL_CEQ_AUTO_
BYPASS
0R/W
1
Auto Cable Equalizer (SDIO) bypass
mode control:
0 = Disable auto mode
1 = Enable auto mode
When CFG_CEQ_AUTO_BYPASS = 0,
CEQ bypass is controlled by
CFG_CEQ_BYPASS_MANUAL.
18
INPUT_
LAUNCH_
SWING_CFG
RSVD
15:7
R/W
0
Reserved—do not modify.
CFG_CEQ_INPUT_
LAUNCH_SWING_
COMP
6:0
R/W
50
Input launch swing compensation
setting in units of 10 mVppd
Default setting of 80d (0x50)
corresponds to 800mV. Default for
upstream SMPTE compliant cable
drivers operating at 800mv ±10%.
Note: This is only for Cable EQ Mode
Table 5-3: Control Register Descriptions (Continued)
Addressh
Register
Name
Parameter Name
Bit
Slice
R/W
Reset
Valueh
Description
Setting (dec) vs. Voltage
25
250mV
30
300mV
35
350mV
...
100
1000mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com