Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS3590 Datasheet(PDF) 15 Page - Semtech Corporation

Part # GS3590
Description  Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3590 Datasheet(HTML) 15 Page - Semtech Corporation

Back Button GS3590 Datasheet HTML 11Page - Semtech Corporation GS3590 Datasheet HTML 12Page - Semtech Corporation GS3590 Datasheet HTML 13Page - Semtech Corporation GS3590 Datasheet HTML 14Page - Semtech Corporation GS3590 Datasheet HTML 15Page - Semtech Corporation GS3590 Datasheet HTML 16Page - Semtech Corporation GS3590 Datasheet HTML 17Page - Semtech Corporation GS3590 Datasheet HTML 18Page - Semtech Corporation GS3590 Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 118 page
background image
GS3590
Final Data Sheet Rev.4
PDS-061414 September 2017
15 of 118
Semtech
Proprietary & Confidential
www.semtech.com
Note: For GSPI Timing see Table 4-12: GSPI Timing Parameters.
Serial Data Output Jitter (SDIO)
tOJ(125Mb/s)
BW = default,
Pattern = PRBS
—
0.015
0.08
UI
2, 10
tOJ(270Mb/s)
—
0.035
0.08
UI
2, 10
tOJ(1.485Gb/s)
—
0.025
0.08
UI
2, 10
tOJ(2.97Gb/s)
—
0.04
0.08
UI
2, 10
tOJ(Bypass)
—0.1
0.2
UI
2, 10
Notes:
1. Values achieved with Semtech evaluation board and connector.
2. Measured using a clean input source.
3. Default value for CFG_EQ_INPUT_LAUNCH_SWING_COMP parameter in control register 0x18. The default parameter value is 80d (50h).
4. Default Cable Driver swing Setting.
5. Please see PLL_LOOP_ BANDWIDTH_ 1 for the full range of loop bandwidth settings.
6. Please see Section 4.4.3.1 for the further definition on Synchronous and Asynchronous Lock Time.
7. Output driver setting of 8.
8. Output driver setting of 36.
9. Trace insertion loss was measured with FR4 material using 7 mil strip-line traces using a PRBS23 signal.
10. Measured under minimal trace loss conditions.
11. Rise/fall time was measured between 80% and 20%.
12. When in Cable Equalizer Mode, the rise/fall time of signals at the source should not be more than 62ns.
Table 2-3: AC Electrical Characteristics (Continued)
VCC_DDI, VCC_CORE, VDD = +1.8V ±5% and VCCO_0, VCCO_1 = +2.5V ±5%, TA = -40°C to +85°C, unless otherwise shown.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com