Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS3590 Datasheet(PDF) 11 Page - Semtech Corporation

Part # GS3590
Description  Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3590 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button GS3590 Datasheet HTML 7Page - Semtech Corporation GS3590 Datasheet HTML 8Page - Semtech Corporation GS3590 Datasheet HTML 9Page - Semtech Corporation GS3590 Datasheet HTML 10Page - Semtech Corporation GS3590 Datasheet HTML 11Page - Semtech Corporation GS3590 Datasheet HTML 12Page - Semtech Corporation GS3590 Datasheet HTML 13Page - Semtech Corporation GS3590 Datasheet HTML 14Page - Semtech Corporation GS3590 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 118 page
background image
GS3590
Final Data Sheet Rev.4
PDS-061414 September 2017
11 of 118
Semtech
Proprietary & Confidential
www.semtech.com
Power
PD
VCCO_1 = 1.2V,
Output Swing = 400mVppd,
DDO/DDO enabled
—
430
—
mW
1
VCCO_1 = 1.8V,
Output Swing = 400mVppd,
DDO/DDO enabled
—
440
—
mW
1
VCCO_1 = 1.8V,
Output Swing = 800mVppd,
DDO/DDO enabled
—
455
—
mW
1
VCCO_1 = 2.5V,
Output Swing = 400mVppd,
DDO/DDO enabled
—
445
—
mW
1
VCCO_1 = 2.5V,
Output Swing = 800mVppd,
DDO/DDO enabled
—
470
—
mW
1
Supply Current—Trace Driver
ICCO_1
VCCO_1 = 1.2V,
Output Swing = 400mVppd
—10
17
mA
1
VCCO_1 = 1.8V,
Output Swing = 400mVppd
—10
17
mA
1
VCCO_1 = 1.8V,
Output Swing = 800mVppd
—20
30
mA
1
VCCO_1 = 2.5V,
Output Swing = 400mVppd
—10
17
mA
1
VCCO_1 = 2.5V,
Output Swing = 800mVppd
—20
30
mA
1
Supply Current — Trace
Driver Pre Driver
ICCO_1P8_1
Output Swing = 800mVpp
—25
32
mA
—
Supply Current — VCCO_0
ICCO_0
VCCO_0 = 2.5V,
Output Swing = 800mVppd
—13
18
mA
—
Supply Current—
Cable Equalizer
ICC_SDI
—
—
55
75
mA
—
Supply Current—
Analogue Core
ICC_CORE
CDR Locked to Rate
—
125
161
mA
—
DDO Output Common
Mode Voltage
VCMOUT
—
—
VCMOUT=
VCCO_1 -
ΔVDDO/2
—V
—
Table 2-2: DC Electrical Characteristics (Continued)
TA = -40°C to +85°C, unless otherwise shown.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com