Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS3590 Datasheet(PDF) 57 Page - Semtech Corporation

Part # GS3590
Description  Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3590 Datasheet(HTML) 57 Page - Semtech Corporation

Back Button GS3590 Datasheet HTML 53Page - Semtech Corporation GS3590 Datasheet HTML 54Page - Semtech Corporation GS3590 Datasheet HTML 55Page - Semtech Corporation GS3590 Datasheet HTML 56Page - Semtech Corporation GS3590 Datasheet HTML 57Page - Semtech Corporation GS3590 Datasheet HTML 58Page - Semtech Corporation GS3590 Datasheet HTML 59Page - Semtech Corporation GS3590 Datasheet HTML 60Page - Semtech Corporation GS3590 Datasheet HTML 61Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 118 page
background image
GS3590
Final Data Sheet Rev.4
PDS-061414 September 2017
57 of 118
Semtech
Proprietary & Confidential
www.semtech.com
4.8.6 Trace Driver DC-Coupling Requirements
Table 4-10 lists the required Vcco (driver supply voltage) and DS (driver swing) required
to achieve three common nominal VDDOppd (peak-to-peak differential output voltages)
and their associated nominal Vcmout (output common mode voltage).
In the DC-coupled case, where Vcco is connected to the same supply as the input buffer
supply voltage of the downstream device, Vcmount in Table 4-10 is the common mode
voltage at the output of the GS3590 driver. For short low-loss transmission lines, this will
also be the common mode voltage created at the input termination of the downstream
input buffer. However, for long and lossy transmission lines, the amplitude will be
attenuated at the downstream receiver and therefore the common mode voltage
created at the input termination will be higher and must be measured or simulated for
accuracy. For proper link operation, the common mode voltage created at the input
termination of the downstream input buffer must be within the Vcmin range specified by
that device.
In the AC-coupled case, Vcmout is the common mode voltage at the driver side of the
AC-coupling capacitor placed near the driver. In the AC-coupled case, Vcmout does not
need to be within the Vcmin range specified by the downstream device. However, the
capacitor should have a voltage rating that exceeds |Vcmout-Vcmin|. In addition to the
voltage rating, the recommended value of the AC-coupling capacitor should be at least
4.7μF to meet the low cut-off frequency requirement of low transition density signals
such as the check-field pattern defined in SMPTE RP-198. The capacitor should have a
temperature rating that maintains the capacitance over the required operating range.
Table 4-10: ΔVDDO (mVppd) and VCMOUT(V) vs. DS Setting and VCCO
ΔVDDO (mVppd) vs. DS Setting
DC-Coupled
VCMOUT (V) vs. DS Setting
AC-Coupled
VCMOUT (V) vs. DS Setting
Vcco (V)
8
17
37
8
17
37
8
17
37
1.2
200
400
—
1.15
1.1
—
1.1
1
—
1.8
200
400
800
1.75
1.7
1.6
1.7
1.6
1.4
2.5
200
400
800
2.45
2.4
2.3
2.4
2.3
2.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com