Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4212LEVB Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC4212LEVB
Description  High PSRR, Very Low Input, Very Low Dropout, 1A Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4212LEVB Datasheet(HTML) 5 Page - Semtech Corporation

  SC4212LEVB Datasheet HTML 1Page - Semtech Corporation SC4212LEVB Datasheet HTML 2Page - Semtech Corporation SC4212LEVB Datasheet HTML 3Page - Semtech Corporation SC4212LEVB Datasheet HTML 4Page - Semtech Corporation SC4212LEVB Datasheet HTML 5Page - Semtech Corporation SC4212LEVB Datasheet HTML 6Page - Semtech Corporation SC4212LEVB Datasheet HTML 7Page - Semtech Corporation SC4212LEVB Datasheet HTML 8Page - Semtech Corporation SC4212LEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SC4212LM
5
Pin Descriptions
Pin #
Pin Name
Pin Function
1
PG
Power good output. Open drain, active high. Connect to a positive supply with a pullup resistor.
Leave this pin unconnected if not used.
2
EN
Enable input. Driving this pin high turns on the regulator. Driving this pin low shuts off the regula-
tor. If not driven from a control circuit, tie this pin directly to the VIN pin, or via a resistor up to
400kΩ.
3
VIN
Input supply pin. A large bulk capacitance should be placed close to this pin to ensure that the
input supply does not sag below the minimum V
IN.
4
SS
Soft-start pin. Connecting a ceramic capacitor from this pin to GND sets the startup time. Refer to
the EC table (page 3) for the typical t
SS with the external soft-start capacitor not populated.
5
BYP
Bypass pin. Low noise performance is optimized by connecting a capacitor from this pin to GND.
6
VO
Regulator output pin. Refer to the Applications Information section for output capacitor selection.
7
FB
Input of the error amplifier. This pin is used to set the output voltage (See typical Application
Circuits on page 1).
8
GND
Ground pin.
THERMAL PAD
The exposed pad enhances thermal performance and is not electrically connected inside the pack-
age. It is recommended to connect the exposed pad to the ground plane using multiple vias.
Block Diagram
Over-current and
thermal shutdown
Circuitry
Enable
Circuitry
Reverse Polarity
Protection Circuitry
VREF
Circuitry
GND
FB
VO
VIN
EN
PG
Circuitry
VREF
EN
VFB
PG
Soft-Start
Circuitry
BYP
SS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com