Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4212LEVB Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC4212LEVB
Description  High PSRR, Very Low Input, Very Low Dropout, 1A Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4212LEVB Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC4212LEVB Datasheet HTML 3Page - Semtech Corporation SC4212LEVB Datasheet HTML 4Page - Semtech Corporation SC4212LEVB Datasheet HTML 5Page - Semtech Corporation SC4212LEVB Datasheet HTML 6Page - Semtech Corporation SC4212LEVB Datasheet HTML 7Page - Semtech Corporation SC4212LEVB Datasheet HTML 8Page - Semtech Corporation SC4212LEVB Datasheet HTML 9Page - Semtech Corporation SC4212LEVB Datasheet HTML 10Page - Semtech Corporation SC4212LEVB Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
SC4212LM
7
Typical Characteristics (Continued)
Quiescent Current
Output Rise Time
Output Rise Time
ENABLE Rising Threshold
ENABLE Falling Threshold
PG Threshold
100
200
300
400
500
600
-55
-40
-25
-10
5
20
35
50
65
80
95
110 125
Temperature (oC)
0
50
100
150
200
250
300
350
400
450
500
-55
-40
-25
-10
5
20
35
50
65
80
95
110 125
Temperature (oC)
2500
2750
3000
3250
3500
-55
-40
-25
-10
5
20
35
50
65
80
95
110 125
Temperature (oC)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
-55
-40
-25
-10
5
20
35
50
65
80
95
110 125
Temperature (oC)
89%
92%
95%
98%
101%
104%
107%
110%
-55
-40
-25
-10
5
20
35
50
65
80
95
110 125
Temperature (oC)
Unless noted otherwise C
IN=10µF/10V X7R 0805, COUT=10µF/10V X7R 0805.
Css = NP
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
-55
-40
-25
-10
5
20
35
50
65
80
95
110 125
Temperature (oC)
Css = 10nF
Vin = 1.6V
Vin = 3.3V
Vin = 6.0V
Upper Threshold
Lower Threshold
Vin = 3.3V
Vin = 3.3V
Vin = 6.0V
Vin = 6.0V
Vin = 1.6V
Vin = 1.6V
Vin = 6.0V
Vin = 1.6V
Vin = 3.3V
Vin = 6.0V
Vin = 3.3V
Vin = 1.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com