Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4212LEVB Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC4212LEVB
Description  High PSRR, Very Low Input, Very Low Dropout, 1A Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4212LEVB Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC4212LEVB Datasheet HTML 5Page - Semtech Corporation SC4212LEVB Datasheet HTML 6Page - Semtech Corporation SC4212LEVB Datasheet HTML 7Page - Semtech Corporation SC4212LEVB Datasheet HTML 8Page - Semtech Corporation SC4212LEVB Datasheet HTML 9Page - Semtech Corporation SC4212LEVB Datasheet HTML 10Page - Semtech Corporation SC4212LEVB Datasheet HTML 11Page - Semtech Corporation SC4212LEVB Datasheet HTML 12Page - Semtech Corporation SC4212LEVB Datasheet HTML 13Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
SC4212LM
9
Introduction
The SC4212LM is intended for applications where high
current capability and very low dropout voltage are
required. It provides a very simple, low cost solution that
uses very little PCB area. Additional features include an
enable pin to allow for a very low power consumption in
standby mode, and a fully adjustable output.
V
O Setting: VO = VREF
By connecting the FB pin directly to the VO pin, the output
voltage will be regulated to the 0.5V internal reference. In
this configuration, R2 should be 10kΩ.
V
O Setting with External Resistors
The use of 1% resistors, and designing for a current flow ≥
50µA is recommended to ensure a well regulated output
(thus R
2 ≤ 10kΩ). R1 can then be calculated from
R
1 = R2 (VO-VREF)/VREF
Enable
Pulling this pin below 0.4V turns the regulator off, reduc-
ing the quiescent current to a fraction of its operating
value. Driving this pin high enables the regulator. A pull
up resistor ≤ 400kΩ should be connected from this pin to
the VIN pin in applications where the Enable pin is not
driven from a control circuit.
Input Capacitor
A 10µF X7R ceramic capacitor, along with a 0.1µF ceramic
decoupling capacitor is recommended to be placed
directly next to the VIN pin. This allows for the device
being some distance from the input source, reducing the
input droop due to load transients and improving load
transient response. Additional capacitance may be needed
if large step, fast di/dt load transients are required or the
LDO is located far away from the input source.
Output Capacitor
A 10µF X7R ceramic capacitor, along with a 0.1µF ceramic
decoupling capacitor is recommended.
Applications Information
Soft-Start
Soft-start is achieved by using a voltage ramp as the
voltage reference for the internal error amplifier during
startup. This voltage ramp is created by an internal 2µA
current source charging an external soft-start capacitor.
When the voltage ramp reaches 500mV, the voltage refer-
ence for the internal error amplifier switches to the fixed
500mV V
REF. Thus, during soft-start, the output tracks the
internal voltage ramp, which limits the input inrush
current and provides a programmed soft-start profile for a
wide range of applications. The soft-start time t
SS can be
calculated with the below equation:
t
SS = 0.25x10
6
C
SS
Power Good
The power good output is an open-drain output which
requires a pull-up resistor. The SC4212LM features an
active-high power good. During startup, the power good
pin will not be pulled high until the soft-start is completed.
In any case, the power good output will be low when the
FB pin voltage is not within 10% of V
REF.
Over-Current and Thermal Shutdown
The over-current protection and thermal shutdown func-
tions protect the regulator against damage due to exces-
sive power dissipation. The SC4212LM is designed to
current limit when the output current reaches 1.6A
(typical). When the load exceeds 1.6A, the output voltage
is reduced to maintain a constant current limit.
The thermal shutdown function limits the junction tem-
perature to a maximum of 150OC (typical). Thermal shut-
down turns off the regulator as the junction temperature
reaches the high trip level of 150OC. When the junction
temperature drops below 140OC (typical), the regulator is
turned on once again.
Thermal Considerations
The power dissipation in the SC4212LM is roughly given
by the following equation:
P
D = (VIN - VO)IO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com