Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4212LEVB Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC4212LEVB
Description  High PSRR, Very Low Input, Very Low Dropout, 1A Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4212LEVB Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC4212LEVB Datasheet HTML 2Page - Semtech Corporation SC4212LEVB Datasheet HTML 3Page - Semtech Corporation SC4212LEVB Datasheet HTML 4Page - Semtech Corporation SC4212LEVB Datasheet HTML 5Page - Semtech Corporation SC4212LEVB Datasheet HTML 6Page - Semtech Corporation SC4212LEVB Datasheet HTML 7Page - Semtech Corporation SC4212LEVB Datasheet HTML 8Page - Semtech Corporation SC4212LEVB Datasheet HTML 9Page - Semtech Corporation SC4212LEVB Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
SC4212LM
6
0
20
40
60
80
100
120
140
160
-55
-40
-25
-10
5
20
35
50
65
80
95
110 125
Temperature (oC)
Typical Characteristics
Dropout Voltage at Vin = 1.6V
Dropout Voltage at Vin = 6.0V
Dropout Voltage at Vin = 2.2V
Current Limit Threshold
Input Under-voltage Lockout Threshold
Shutdown Current
1A
0.5A
0
20
40
60
80
100
120
-55
-40
-25
-10
5
20
35
50
65
80
95
110 125
Temperature (oC)
0.5A
1A
0
10
20
30
40
50
60
70
80
-55
-40
-25
-10
5
20
35
50
65
80
95
110 125
Temperature (oC)
0.0
0.5
1.0
1.5
2.0
2.5
-55
-40
-25
-10
5
20
35
50
65
80
95
110 125
Temperature (oC)
0.5A
1A
1.30
1.35
1.40
1.45
1.50
1.55
1.60
-55
-40
-25
-10
5
20
35
50
65
80
95
110 125
Temperature (oC)
0
2
4
6
8
10
12
14
16
18
20
-55
-40
-25
-10
5
20
35
50
65
80
95
110 125
Temperature (oC)
Vin rising threshold
Vin falling threshold
Vin = 6.0V
Vin = 3.3V
Vin = 1.6V
Unless noted otherwise C
IN=10µF/10V X7R 0805, COUT=10µF/10V X7R 0805.
Vin = 6.0V
Vin = 1.6V
Vin = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com