Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4212LEVB Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC4212LEVB
Description  High PSRR, Very Low Input, Very Low Dropout, 1A Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4212LEVB Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC4212LEVB Datasheet HTML 5Page - Semtech Corporation SC4212LEVB Datasheet HTML 6Page - Semtech Corporation SC4212LEVB Datasheet HTML 7Page - Semtech Corporation SC4212LEVB Datasheet HTML 8Page - Semtech Corporation SC4212LEVB Datasheet HTML 9Page - Semtech Corporation SC4212LEVB Datasheet HTML 10Page - Semtech Corporation SC4212LEVB Datasheet HTML 11Page - Semtech Corporation SC4212LEVB Datasheet HTML 12Page - Semtech Corporation SC4212LEVB Datasheet HTML 13Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
SC4212LM
12
Land Pattern — 3mm x 3mm MLPD-8
X
P
Z
Y
H
K
G
(C)
CO NTRO LLING DIM ENSIO NS ARE IN M ILLIM ETERS (ANGLES IN DEGREES).
1.
3.
FAILURE TO DO SO M AY CO M PRO M ISE THE THERM AL AND/OR
FUNCTIO NAL PERFO RM ANCE OF THE DEVICE.
SHALL BE CO NNECTED TO A SYSTEM GROUND PLANE.
THERM AL VIAS IN THE LAND PATTERN OF THE EXPOSED PAD
.030
.146
(.116)
.102
.087
.067
0.75
3.70
(2.95)
2.20
2.58
1.70
0.40
0.65
.026
.016
THIS LAND PATTERN IS FO R REFERENCE PURPOSES ONLY.
CO NSULT YO UR M ANUFACTURING GROUP TO ENSURE YOUR
CO M PANY'S M ANUFACTURING GUIDELINES ARE M ET.
NO TES:
2.
INCHES
DIM ENSIONS
P
Z
X
Y
C
G
H
K
DIM
M ILLIM ETERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com