Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALS31313 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # ALS31313
Description  Automotive Grade, 3-D Linear Hall-Effect Sensor with I2C Output and Advanced Low Power Management
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ALS31313 Datasheet(HTML) 4 Page - Allegro MicroSystems

  ALS31313 Datasheet HTML 1Page - Allegro MicroSystems ALS31313 Datasheet HTML 2Page - Allegro MicroSystems ALS31313 Datasheet HTML 3Page - Allegro MicroSystems ALS31313 Datasheet HTML 4Page - Allegro MicroSystems ALS31313 Datasheet HTML 5Page - Allegro MicroSystems ALS31313 Datasheet HTML 6Page - Allegro MicroSystems ALS31313 Datasheet HTML 7Page - Allegro MicroSystems ALS31313 Datasheet HTML 8Page - Allegro MicroSystems ALS31313 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Automotive Grade, 3-D Linear Hall-Effect Sensor
with I2C Output and Advanced Low Power Management
ALS31313
4
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Terminal List Table
Number
Name
Function
1
VCC
Power supply input. Bypass VCC to GND with a 0.1 µF capacitor.
2
ADR0
I2C Address Select 0. Connect a resistive divider to ADR0 to
select the device address. See Application Information section on
addressing for more information.
3
GND
Ground signal terminal.
4
INT
Interrupt output. See Application Information section on interrupt
function for more information.
5
NC
Not internally connected. Connect to GND.
6
ADR1
I2C Address Select 1. Connect a resistive divider to ADR1 to select
the device’s address. See Application Information section on
addressing for more information.
7
SDA
I2C serial data input/output. Open-drain.
8
SCL
I2C serial clock input
Package LE, 8-Pin TSSOP Pinout Digram
PINOUT DIAGRAM AND TERMINAL LIST TABLE
VCC
ADR0
GND
INT
SCL
SDA
ADR1
NC
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com