Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALS31313 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # ALS31313
Description  Automotive Grade, 3-D Linear Hall-Effect Sensor with I2C Output and Advanced Low Power Management
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ALS31313 Datasheet(HTML) 2 Page - Allegro MicroSystems

  ALS31313 Datasheet HTML 1Page - Allegro MicroSystems ALS31313 Datasheet HTML 2Page - Allegro MicroSystems ALS31313 Datasheet HTML 3Page - Allegro MicroSystems ALS31313 Datasheet HTML 4Page - Allegro MicroSystems ALS31313 Datasheet HTML 5Page - Allegro MicroSystems ALS31313 Datasheet HTML 6Page - Allegro MicroSystems ALS31313 Datasheet HTML 7Page - Allegro MicroSystems ALS31313 Datasheet HTML 8Page - Allegro MicroSystems ALS31313 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Automotive Grade, 3-D Linear Hall-Effect Sensor
with I2C Output and Advanced Low Power Management
ALS31313
2
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
SELECTION GUIDE
Part Number
X/Y Channel Sensitivity
(LSB/G) [1]
Z Channel Sensitivity
(LSB/G) [1]
Packing [2]
ALS31313KLEATR-500
4
4
4000 pieces per 13-inch reel
ALS31313KLEATR-1000
2
2
ALS31313KLEATR-2000
1
1
ALS31313KLEATR-JOY [3]
1
0.25
[1]
1 gauss (G) = 0.1 millitesla (mT).
[2]
Contact Allegro™ for alternate packing options.
[3]
Joystick devices have reduced gain on the Z axis to accommodate back bias magnets.
FEATURES AND BENEFITS (continued)
• Flexible 12-bit ADC with 10-bit ENOB (Effective Number of Bits)
• 1% (typ) accurate factory-trimmed sensitivity options
(±500 G, ±1000 G, and ±2000 G full-scale input)
• Integrated temperature sensor
• Wide ambient temperature range: –40°C to 125°C
ALS31313KLEATR-500
Factory Configuration: 500 = 500 gauss
Packing Option: TR = 4000 pieces per 13-inch reel
Package Type: LEA = 8-lead TSSOP
Operating Temperature Range (TA): K = –40°C to 125°C
Allegro Linear Sensor 5-digit part number
NAMING SPECIFICATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com