Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALS31313 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # ALS31313
Description  Automotive Grade, 3-D Linear Hall-Effect Sensor with I2C Output and Advanced Low Power Management
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ALS31313 Datasheet(HTML) 1 Page - Allegro MicroSystems

  ALS31313 Datasheet HTML 1Page - Allegro MicroSystems ALS31313 Datasheet HTML 2Page - Allegro MicroSystems ALS31313 Datasheet HTML 3Page - Allegro MicroSystems ALS31313 Datasheet HTML 4Page - Allegro MicroSystems ALS31313 Datasheet HTML 5Page - Allegro MicroSystems ALS31313 Datasheet HTML 6Page - Allegro MicroSystems ALS31313 Datasheet HTML 7Page - Allegro MicroSystems ALS31313 Datasheet HTML 8Page - Allegro MicroSystems ALS31313 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
TheALS31313three-axislinearHall-effectsensorICprovides
a 12-bit digital value corresponding to the magnetic field
measured in each of the X, Y, and Z axes. The ALS31313 is
preconfigured for use in 3D sensing applications for head-on
linear motion, slide-by position sensing, and rotation angle
measurements.TheALS31313isalsoofferedinjoystickmode,
including a low gain option for the Z axis channel. This feature
enables the use of a back-bias magnet to provide return-to-zero
force instead of traditional spring-based solutions.
Three different factory-programmed sensitivity ranges are
available: ±500 G, ±1000 G, and ±2000 G.
The I2C address of theALS31313 can be set either by external
resistors (16 unique addresses) or programmed into EEPROM
via I2C (127 unique addresses), allowing for multiple devices
on the same bus. The ALS31313 also includes 78 bits of user
EEPROM.
Power management of the ALS31313 is highly configurable,
allowing for system-level optimization of supply current and
performance. Sleep mode consumes just 14 nA (typical),
makingtheALS31313wellsuitedforportable,battery-operated
applications.
The ALS31313 is supplied in an 8-pin TSSOP. The package is
lead (Pb) free with 100% matte-tin leadframe plating.
ALS31313-DS, Rev. 2
MCO-0000394
• AEC-Q100 automotive qualification pending
• Senses magnetic fields in X, Y, and Z axes
• Z-axis sensing of “crouch” or push button motion
• Capable of operating with back-bias magnets
• Ideal for battery-powered, low-voltage applications
□ 2.65 to 3.5 V single supply operation
□ 1 MHz I2C compatibility down to 1.8 V
□ 14 nA (typ) Sleep ICC
□ 12 µA to 2 mA ICC (typ) in low-power duty cycle mode
• Industry standard I2C interface for easy system integration
□ Up to 1 MHz (Fast Mode+) I2C communication
□ 16 selectable addresses via external resistor divider
□ 127 available address configurable via EEPROM
• On-chip EEPROM
□ Stores factory- and user-configured settings
□ 78 bits of user EEPROM for additional storage
□ On-chip charge pump for easy programming
Automotive Grade, 3-D Linear Hall-Effect Sensor
with I2C Output and Advanced Low Power Management
PACKAGE:
Figure 1: Functional Block Diagram
Not to scale
ALS31313
Continued on next page...
FEATURES AND BENEFITS
DESCRIPTION
May 2, 2018
VCC
SDA
SCL
ADR0
ADR1
INT
GND
Z
Y
X
MUX
ADC
Power
Controller
Temp
Sensor
I2C Serial
Interface
Slave
Address
ADC
Digital
Controller
Charge
Pump
EEPROM
Memory
Hall
Elements
Z
X
Y
8-Pin TSSOP (LE)


Similar Part No. - ALS31313

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ALS31300 ALLEGRO-ALS31300 Datasheet
1Mb / 25P
3-D Linear Hall-Effect Sensor with I2C Output and Advanced Low Power Management
ALS31300EEJASR-1000 ALLEGRO-ALS31300EEJASR-1000 Datasheet
1Mb / 25P
3-D Linear Hall-Effect Sensor with I2C Output and Advanced Low Power Management
ALS31300EEJASR-2000 ALLEGRO-ALS31300EEJASR-2000 Datasheet
1Mb / 25P
3-D Linear Hall-Effect Sensor with I2C Output and Advanced Low Power Management
ALS31300EEJASR-500 ALLEGRO-ALS31300EEJASR-500 Datasheet
1Mb / 25P
3-D Linear Hall-Effect Sensor with I2C Output and Advanced Low Power Management
ALS31300EEJASR-JOY ALLEGRO-ALS31300EEJASR-JOY Datasheet
1Mb / 25P
3-D Linear Hall-Effect Sensor with I2C Output and Advanced Low Power Management
More results

Similar Description - ALS31313

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL2830 MICRONAS-HAL2830 Datasheet
254Kb / 2P
Linear Hall-Effect Sensor with SENT Output
HAL2850 MICRONAS-HAL2850 Datasheet
242Kb / 2P
Linear Hall-Effect Sensor with PWM Output
logo
Allegro MicroSystems
A1454 ALLEGRO-A1454 Datasheet
434Kb / 15P
3V Hall Effect Linear Sensor with I2C Output
logo
Texas Instruments
DRV5055-Q1 TI1-DRV5055-Q1 Datasheet
362Kb / 20P
Automotive Ratiometric Linear Hall Effect Sensor
logo
Micronas
HAL2850 MICRONAS-HAL2850_16 Datasheet
484Kb / 32P
Linear Hall-Effect Sensor with PWM Output
logo
Texas Instruments
DRV5055-Q1 TI1-DRV5055-Q1_18 Datasheet
1Mb / 26P
Automotive Ratiometric Linear Hall Effect Sensor
DRV5057 TI1-DRV5057 Datasheet
1Mb / 34P
Linear Hall Effect Sensor With PWM Output
logo
Allegro MicroSystems
ALS31300 ALLEGRO-ALS31300 Datasheet
1Mb / 25P
3-D Linear Hall-Effect Sensor with I2C Output and Advanced Low Power Management
logo
Texas Instruments
DRV5057-Q1 TI1-DRV5057-Q1 Datasheet
1Mb / 31P
DRV5057-Q1 Automotive Linear Hall Effect Sensor With PWM Output
TMAG5273 TI-TMAG5273 Datasheet
2Mb / 59P
TMAG5273 3-Axis Linear Hall Effect Sensor With I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com