Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALS31313 Datasheet(PDF) 18 Page - Allegro MicroSystems

Part # ALS31313
Description  Automotive Grade, 3-D Linear Hall-Effect Sensor with I2C Output and Advanced Low Power Management
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ALS31313 Datasheet(HTML) 18 Page - Allegro MicroSystems

Back Button ALS31313 Datasheet HTML 14Page - Allegro MicroSystems ALS31313 Datasheet HTML 15Page - Allegro MicroSystems ALS31313 Datasheet HTML 16Page - Allegro MicroSystems ALS31313 Datasheet HTML 17Page - Allegro MicroSystems ALS31313 Datasheet HTML 18Page - Allegro MicroSystems ALS31313 Datasheet HTML 19Page - Allegro MicroSystems ALS31313 Datasheet HTML 20Page - Allegro MicroSystems ALS31313 Datasheet HTML 21Page - Allegro MicroSystems ALS31313 Datasheet HTML 22Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Automotive Grade, 3-D Linear Hall-Effect Sensor
with I2C Output and Advanced Low Power Management
ALS31313
18
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
THRESHOLD MODE
In Threshold Interrupt Mode, the most recent magnetic sample
data is compared to the user-selected threshold for each channel.
If the magnetic ADC value is greater than or equal to this thresh-
old, an interrupt event will occur.
DELTA MODE
Delta Interrupt Mode is used in combination with Low-Power
Duty Cycle Mode, where the ALS31313 toggles between an
Active and a Sleep state. In Delta Interrupt Mode, the ALS31313
will remember its last magnetic data sample when entering
LPDCM.
New magnetic data is compared to the original sample every time
the ALS31313 toggles into the active state. If the delta (change)
in magnetic data is larger than the user-selected delta, an interrupt
event will occur.
User-selectable values for threshold and delta share the registers
Z INT Threshold, Y INT Threshold, and X INT Threshold, address
0x03, bits 17:0.
In Threshold Mode, the value in these registers will be considered
a threshold, while in Delta Mode, the value in these registers will
be considered a delta. The ALS31313 may interpret these values
as signed or unsigned based on the Signed INT Enable bit.
SIGNED INTERRUPT THRESHOLD
By default, the value for Signed INT Enable is set to 0, and the
user-programmed value for threshold is unsigned. This will
trigger an interrupt event when applying a positive or negative
magnetic field, causing the absolute value of the magnetic data to
meet or exceed the user-selected threshold.
If Signed INT Enable is set to 1, the value for threshold becomes
signed. This may be used to trigger interrupts on only positive or
only negative magnetic fields that cause the value of the magnetic
data to meet or exceed the user-programmed threshold.
Interrupt threshold for each channel can be programmed indepen-
dently using registers Z INT Threshold, Y INT Threshold, and X
INT Threshold, address 0x03, bits 17:0. The following examples
set an interrupt threshold for the X axis, but the technique also
applies to Y and Z axes.
When Signed INT Enable = 0, the interrupt threshold will be
determined by the equation:
threshold = (INT Threshold + 1) × 25 – 1
When Signed INT Enable = 1, the interrupt threshold will be
determined by the equation:
if X INT Threshold ≥ 0
threshold = (INT Threshold + 1) × 26 – 1
if X INT Threshold < 0
threshold = (INT Threshold + 1) × 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com