Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALS31313 Datasheet(PDF) 21 Page - Allegro MicroSystems

Part # ALS31313
Description  Automotive Grade, 3-D Linear Hall-Effect Sensor with I2C Output and Advanced Low Power Management
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ALS31313 Datasheet(HTML) 21 Page - Allegro MicroSystems

Back Button ALS31313 Datasheet HTML 17Page - Allegro MicroSystems ALS31313 Datasheet HTML 18Page - Allegro MicroSystems ALS31313 Datasheet HTML 19Page - Allegro MicroSystems ALS31313 Datasheet HTML 20Page - Allegro MicroSystems ALS31313 Datasheet HTML 21Page - Allegro MicroSystems ALS31313 Datasheet HTML 22Page - Allegro MicroSystems ALS31313 Datasheet HTML 23Page - Allegro MicroSystems ALS31313 Datasheet HTML 24Page - Allegro MicroSystems ALS31313 Datasheet HTML 25Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Automotive Grade, 3-D Linear Hall-Effect Sensor
with I2C Output and Advanced Low Power Management
ALS31313
21
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
I2C CRC Byte
The ALS31313 CRC feature is enabled by setting the I2C CRC
Enable bit, Address 0x02, bit 18. When enabled, the ALS31313
read transaction returns one extra byte corresponding the CRC
calculation of that read. The bytes of the I2C read sequence used
for CRC calculation are:
1. 8-Bit Register Address
2. The 7-Bit Slave Address + Read bit (1’b1)
3. The four Data Bytes (32 Bits, MSB first)
The code is 8 bits in length and will be generated using the
CRC8-ATM (0x83) polynomial:
p(x) = x8 + x2 + x + 1
Table 17: Example CRC Calculation Result
Slave Address
Register
Address
Data
CRC
0xC3
0x28
0x282A2C80
0xEC
0xC3
0x28
0x282A2C00
0x65
I2C Readback Modes
The ALS31313 supports three different readback modes over the
I2C interface, including single, fast loop, and full loop modes.
These modes simplify the process of repeatedly polling the
ALS31313 for magnetic X, Y, Z, and Temperature data.
Readback modes on the ALS31313 are described in Table 18. The
desired readback mode may be entered by setting the appropriate
bits for I2C Loop Mode, address 0x27, bits 3:2.
Table 18: ALS31313 Looping Read Modes
Code
(Binary)
Mode
Description
‘00’
Single
No Looping. Similar to Default I2C.
‘01’
Fast Loop
X, Y, Z, and Temperature fields are looped.
8 MSBs for X, Y, and Z, 6 MSBs for
Temperature are looped.
‘10’
Full Loop
X, Y, Z, and Temperature fields are looped.
Full 12-bit resolution fields are looped.
‘11’
Single
Same as code 0.
SINGLE MODE
A single write or read command to any register—this is the
default mode and is best suited for setting fields and reading
static registers. If desired, this mode can be used to read X, Y, Z,
and Temperature data in a typical serial fashion, but fast or full
loop read modes are recommended for high-speed data retrieval.
FAST LOOP MODE
Fast Loop Mode offers continuous reading of X, Y, Z, and tempera-
ture values, but is limited to the upper 8 bits of X, Y, and Z, and
upper 6 bits of Temperature. This mode is intended to be a time
efficient way of reading data from the IC at the expense of truncat-
ing resolution. The flow chart in Figure 7 depicts Fast Loop Mode.
Figure 7: Fast Loop Mode
FULL LOOP MODE
Full Loop Mode provides continuous reads of X, Y, Z, and Tem-
perature data with full 12-bit resolution. This is the recommended
mode for applications that require a higher data rate for X, Y, Z,
and Temperature with full resolution. The flow chart in Figure 8
depicts Full Loop Mode.
Figure 8: Full Loop Mode
ALS31313
ALS31313
ALS31313
ALS31313



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com