Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS668LSM Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # ATS668LSM
Description  True Zero-Speed High-Accuracy Gear Tooth Sensor IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS668LSM Datasheet(HTML) 5 Page - Allegro MicroSystems

  ATS668LSM Datasheet HTML 1Page - Allegro MicroSystems ATS668LSM Datasheet HTML 2Page - Allegro MicroSystems ATS668LSM Datasheet HTML 3Page - Allegro MicroSystems ATS668LSM Datasheet HTML 4Page - Allegro MicroSystems ATS668LSM Datasheet HTML 5Page - Allegro MicroSystems ATS668LSM Datasheet HTML 6Page - Allegro MicroSystems ATS668LSM Datasheet HTML 7Page - Allegro MicroSystems ATS668LSM Datasheet HTML 8Page - Allegro MicroSystems ATS668LSM Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
True Zero-Speed High-Accuracy
Gear Tooth Sensor IC
ATS668LSM
5
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
FUNCTIONAL CHARACTERISTICS
Characteristics
Symbol
Note
Min.
Typ.
Max.
Unit
POWER ON
Power-On State
POS
VOUT state at t > tPO; see Figure 1
High
Power-On Time [1]
tPO
fop < 100 Hz
2
ms
AIR GAP
Operating Air Gap Range
Guaranteed to operate within specification
0.5
2.5
mm
Extended Air Gap Range
Switching only—not guaranteed to operate
within spec
2.5
3
mm
OFFSET
Dynamic Offset Cancellation
BDIFFEXT Allowable user-induced offset
±60
G
CALIBRATION
Initial Calibration [2]
CALI
Quantity of rising output edges required for
accurate edge detection
2
3
edge
SWITCHING
Operating Speed
fOP
0
12
kHz
Analog Signal Bandwidth
BW
15
20
kHz
Operate Point
OP
70
%
Release Point
RP
30
%
OUTPUT DUTY CYCLE [3]
Output Duty Cycle
DC
AG = 0.5 mm to 2.5 mm, Pin 3 to 1 target rotation
39
52
%
AG = 2.5 mm to 3.0 mm, Pin 3 to 1 target rotation
39
56
%
1
Power-On Time includes the time required to complete the internal automatic offset adjust. DAC is then ready for peak acquisition.
2
For power-on frequency, fOP < 200 Hz. Higher power-on frequencies may result in more input magnetic cycles until full output edge accuracy is
achieved, including the possibility of missed output edges.
3
Measured at fOP = 2 kHz. Output rise and fall times should be considered when measuring duty cycle.
Figure 4: Definition of Terms for Switchpoints
Valley
Tooth
Forward
Reverse
+B
–B
+V
–V
t
BOP(FWD)b
VPROC(BOP)
VPROC(BRP)
BRP(FWD)
BOP %
BRP %
100 %
BOP(REV)b
BRP(REV)
Sensed Edgea
aSensed Edge: leading (rising) mechanical edge in forward rotation, trailing (falling) mechanical edge in reverse rotation
bBOP(FWD) triggers the output transition during forward rotation, and BOP(REV) triggers the output transition during reverse rotation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com