Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS668LSM Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # ATS668LSM
Description  True Zero-Speed High-Accuracy Gear Tooth Sensor IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS668LSM Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button ATS668LSM Datasheet HTML 5Page - Allegro MicroSystems ATS668LSM Datasheet HTML 6Page - Allegro MicroSystems ATS668LSM Datasheet HTML 7Page - Allegro MicroSystems ATS668LSM Datasheet HTML 8Page - Allegro MicroSystems ATS668LSM Datasheet HTML 9Page - Allegro MicroSystems ATS668LSM Datasheet HTML 10Page - Allegro MicroSystems ATS668LSM Datasheet HTML 11Page - Allegro MicroSystems ATS668LSM Datasheet HTML 12Page - Allegro MicroSystems ATS668LSM Datasheet HTML 13Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
True Zero-Speed High-Accuracy
Gear Tooth Sensor IC
ATS668LSM
10
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Undervoltage Lockout
When the supply voltage falls below the undervoltage lockout
voltage, VCC(min), the device enters Reset, where the output state
returns to the Power-On State (POS) until sufficient VCC is sup-
plied. This lockout feature prevents false signals, caused by under-
voltage conditions, from propagating to the output of the IC.
Power Supply Protection
The device contains an on-chip regulator and can operate over a
wide VCC range. The device also includes integrated in-package
EMC protection components virtually eliminating the need for
additional external passive components.
Automatic Gain Control (AGC)
This feature allows the device to operate with an optimal internal
electrical signal, regardless of the air gap (within the AG speci-
fication). At power-on, the device determines the peak-to-peak
amplitude of the signal generated by the target. The gain of the
IC is then automatically adjusted. Figure 8 illustrates the effect of
this feature.
Automatic Offset Adjust (AOA)
The AOA circuitry automatically compensates for the effects of
chip, magnet, and installation offsets. This circuitry is continu-
ously active, including during both power-on mode and running
mode, compensating for any offset drift (within the Allowable
User-Induced Differential Offset). Continuous operation also
allows it to compensate for offsets induced by temperature varia-
tions over time.
Running Mode Lockout
The ATS668 has a running mode lockout feature to prevent
switching in response to small signals that are characteristic
of vibration signals. The internal logic of the chip considers
small-signal amplitudes below a certain level to be vibration. The
output is held to the state prior to lockout until the amplitude of
the signal returns to normal operational levels.
Watchdog
The ATS668 employs a watchdog circuit to prevent extended loss
of output switching during sudden impulses and vibration in the
system. If the system changes the magnetic input drastically such
that target feature detection is terminated, the device will fully
reset itself, allowing the chip to recalibrate properly on the new
magnetic input signal.
Assembly Description
The ATS668 is integrally molded into a plastic body that has been
optimized for size, ease of assembly, and manufacturability. High
operating temperature materials are used in all aspects of con-
struction.
Mechanical Profile
AGSmall
AGLarge
AGSmall
AGLarge
Internal Differential
Analog Signal
Response, with AGC
Internal Differential
Analog Signal
Response, without AGC
Ferrous Target
V+
V+
Figure 8: Automatic Gain Control (AGC). The AGC
function corrects for variances in the air gap. Differ-
ences in the air gap cause differences in the magnetic
field at the device, but AGC prevents that from affect-
ing device performance, as shown in the lowest panel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com