Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS668LSM Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # ATS668LSM
Description  True Zero-Speed High-Accuracy Gear Tooth Sensor IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS668LSM Datasheet(HTML) 2 Page - Allegro MicroSystems

  ATS668LSM Datasheet HTML 1Page - Allegro MicroSystems ATS668LSM Datasheet HTML 2Page - Allegro MicroSystems ATS668LSM Datasheet HTML 3Page - Allegro MicroSystems ATS668LSM Datasheet HTML 4Page - Allegro MicroSystems ATS668LSM Datasheet HTML 5Page - Allegro MicroSystems ATS668LSM Datasheet HTML 6Page - Allegro MicroSystems ATS668LSM Datasheet HTML 7Page - Allegro MicroSystems ATS668LSM Datasheet HTML 8Page - Allegro MicroSystems ATS668LSM Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
True Zero-Speed High-Accuracy
Gear Tooth Sensor IC
ATS668LSM
2
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
SELECTION GUIDE
Part Number
Package
ATS668LSMTN-T
3-pin SIP with matte-tin leadframe plating
*Contact Allegro™ marketing or your local sales representative for additional options.
RoHS
COMPLIANT
ABSOLUTE MAXIMUM RATINGS
Characteristic
Symbol
Notes
Rating
Units
Supply Voltage
VCC
26.5
V
Reverse Supply Voltage
VRCC
–18
V
Reverse Supply Current
IRCC
50
mA
Reverse Output Voltage
VROUT
-0.5
V
Output Sink Current
IOUT
25
mA
Operating Ambient Temperature
TA
Range L, refer to Power Derating Curve
–40 to 150
°C
Maximum Junction Temperature
TJ(max)
165
°C
Storage Temperature
Tstg
–65 to 170
°C
INTERNAL PASSIVE COMPONENTS RATINGS
Symbol
Characteristic
Rating
Unit
CSUPPLY
Rated Nominal Capacitance
220
nF
COUT
Rated Nominal Capacitance
1.8
nF
RSUPPLY
Rated Nominal Resistance
50
Ω
ROUT
Rated Nominal Resistance
50
Ω
Terminal List Table
Number
Name
Function
1
VCC
Supply voltage
2
GND
Ground
3
VOUT
Device output
Pinout Diagram
Figure 1: Typical Application
2
3
1
ATS668SM
GND
RSUPPLY
ROUT
RPU
VCC
VOUT
COUT
VCC
CSUPPLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com