Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS668LSM Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # ATS668LSM
Description  True Zero-Speed High-Accuracy Gear Tooth Sensor IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS668LSM Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button ATS668LSM Datasheet HTML 2Page - Allegro MicroSystems ATS668LSM Datasheet HTML 3Page - Allegro MicroSystems ATS668LSM Datasheet HTML 4Page - Allegro MicroSystems ATS668LSM Datasheet HTML 5Page - Allegro MicroSystems ATS668LSM Datasheet HTML 6Page - Allegro MicroSystems ATS668LSM Datasheet HTML 7Page - Allegro MicroSystems ATS668LSM Datasheet HTML 8Page - Allegro MicroSystems ATS668LSM Datasheet HTML 9Page - Allegro MicroSystems ATS668LSM Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
True Zero-Speed High-Accuracy
Gear Tooth Sensor IC
ATS668LSM
6
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Reference Target 60-0 (60 Tooth Target)
Characteristics
Symbol
Test Conditions
Typ.
Units
Symbol Key
Outside Diameter
DO
Outside diameter of target
120
mm
Do
ht
F
Air Gap
Branded Face of Package
t
tv
Face Width
F
Breadth of tooth, with respect
to sensor IC
6
mm
Circular Tooth Length
t
Length of tooth, with respect
to sensor IC; measured at DO
3
degrees
Circular Valley Width
tv
Length of valley, with respect
to sensor IC; measured at DO
3
degrees
Tooth Whole Depth
ht
3
mm
Material
Low Carbon Steel
Figure 5: Reference Target Measurement Setup
Reference Target
60-0
of Sensor
Branded Face



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com