Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS668LSM Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # ATS668LSM
Description  True Zero-Speed High-Accuracy Gear Tooth Sensor IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS668LSM Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button ATS668LSM Datasheet HTML 5Page - Allegro MicroSystems ATS668LSM Datasheet HTML 6Page - Allegro MicroSystems ATS668LSM Datasheet HTML 7Page - Allegro MicroSystems ATS668LSM Datasheet HTML 8Page - Allegro MicroSystems ATS668LSM Datasheet HTML 9Page - Allegro MicroSystems ATS668LSM Datasheet HTML 10Page - Allegro MicroSystems ATS668LSM Datasheet HTML 11Page - Allegro MicroSystems ATS668LSM Datasheet HTML 12Page - Allegro MicroSystems ATS668LSM Datasheet HTML 13Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
True Zero-Speed High-Accuracy
Gear Tooth Sensor IC
ATS668LSM
9
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
FUNCTIONAL DESCRIPTION
Sensing Technology
The ATS668 contains a single-chip differential Hall-effect sensor
IC and a back-biasing pellet. The Hall IC supports a pair of Hall
elements which sense the magnetic profile of the ferromagnetic
gear target simultaneously, but at different points (spaced at a
2.2 mm pitch), generating a differential internal analog volt-
age, VPROC, that is processed for precise switching of the digital
output signal. The ATS668 is intended for use with ferromagnetic
targets.
The Hall IC is self-calibrating and also possesses a tempera-
ture compensated amplifier and offset cancellation circuitry. Its
voltage regulator provides supply noise rejection throughout the
operating voltage range. Changes in temperature do not greatly
affect this device due to the stable amplifier design and the offset
compensation circuitry. The Hall transducers and signal process-
ing electronics are integrated on the same silicon substrate, using
a proprietary BiCMOS process
Target Profiling During Operation
An operating device is capable of providing digital information
that is representative of the mechanical features of a rotating
gear. The waveform diagram in Figure 7 presents the automatic
translation of the mechanical profile, through the magnetic profile
that it induces, to the digital output signal of the IC. No addi-
tional optimization is needed and minimal processing circuitry is
required. This ease of use reduces design time and incremental
assembly costs for most applications.
Determining Output Signal Polarity
In Figure 7, the top panel, labeled Mechanical Position, repre-
sents the mechanical features of the target gear and orientation to
the device. The bottom panel, labeled IC Output Signal, displays
the square waveform corresponding to the digital output signal
that results from a rotating gear configured as shown in Figure 6
and electrically connected as in Figure 1. That direction of rota-
tion (of the gear side adjacent to the package face) is: perpen-
dicular to the leads, across the face of the device, from the pin 1
side to the pin 3 side. This results in the IC output switching from
low state to high state as the leading edge of a tooth (a rising
mechanical edge, as detected by the IC) passes the package face.
In this configuration, the device output switches to its high polar-
ity when a tooth is the target feature nearest to the package. If the
direction of rotation is reversed, so that the gear rotates from the
pin 3 side to the pin 1 side, then the output polarity inverts. That
is, the output signal goes high when a falling edge is detected,
and a valley is nearest to the package.
BOP(#1)
BRP(#1)
BRP(#2)
BOP(#2)
On
Off
Off
On
IC Internal Switch State
Package Orientation to Target
IC Internal Differential Analog Signal, VPROC
Mechanical Position (Target movement pin 1 to pin 3)
IC Output Signal, VOUT
Target
(Gear)
(Package Top View)
Sensor Branded Face
Pin 1
Side
Pin 3
Side
Branded Face
Hall Element Pitch
Target Magnetic Profile
+B
This tooth
sensed earlier
This tooth
sensed later
Back-Biasing
Pellet
IC
Rotation from pin 1 to pin 3
Pin 1
Pin 3
Rotating Target
(Ferromagnetic)
Rotating Target
(Ferromagnetic)
Rotation from pin 3 to pin 1
Pin 1
Pin 3
Branded Face
of SM Package
Branded Face
of SM Package
Figure 6: Sensor and target configuration. The output
is low when a tooth of the target gear is nearest the
branded face of the package.
Figure 7: The magnetic profile reflects the features of
the target, allowing the sensor IC to present an accu-
rate digital representation of the target teeth.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com