Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5348/T Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV5348/T
Description  MONOCHIP TELETEXT AND VPS DECODER WITH 8 INTEGRATED PAGES
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5348/T Datasheet(HTML) 1 Page - STMicroelectronics

  STV5348/T Datasheet HTML 1Page - STMicroelectronics STV5348/T Datasheet HTML 2Page - STMicroelectronics STV5348/T Datasheet HTML 3Page - STMicroelectronics STV5348/T Datasheet HTML 4Page - STMicroelectronics STV5348/T Datasheet HTML 5Page - STMicroelectronics STV5348/T Datasheet HTML 6Page - STMicroelectronics STV5348/T Datasheet HTML 7Page - STMicroelectronics STV5348/T Datasheet HTML 8Page - STMicroelectronics STV5348/T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
1/30
May 2004
STV5348
STV5348/H - STV5348/T
MONOCHIP TELETEXT AND VPS DECODER
WITH 8 INTEGRATED PAGES
REV. 2
FEATURES SUMMARY
■ COMPLETE TELETEXT AND VPS DECODER
INCLUDING AN 8 PAGE MEMORY ON A
SINGLE CHIP
■ UPWARD SOFTWARE COMPATIBLE WITH
PREVIOUS ST’s MULTICHIP SOLUTIONS
(SAA5231, SDA5243, STV5345)
■ PERFORM PDC SYSTEM A (VPS) AND PDC
SYSTEM B (8/30/2) DATA STORAGE
SEPARATELY
■ DEDICATED "ERROR FREE" OUTPUT FOR
VALID PDC DATA
■ INDICATION OF LINE 23 FOR EXTERNAL
USE
■ SINGLE +5V SUPPLY VOLTAGE
■ SINGLE 13.875MHz CRYSTAL
■ REDUCED SET OF EXTERNAL
COMPONENTS, NO EXTERNAL
ADJUSTMENT
■ OPTIMIZED NUMBER OF DIGITAL SIGNALS
REDUCING EMC RADIATION
■ HIGH DENSITY CMOS TECHNOLOGY
■ DIGITAL DATA SLICER AND DISPLAY
CLOCK PHASE LOCK LOOP
■ 28 PIN DIP & SO PACKAGE
DESCRIPTION
The STV5348 decoder is a computer-controlled
teletext device including an 8 page internal mem-
ory. Data slicing and capturing extracts the teletext
information embedded in the composite video sig-
nal. Control is accomplished via a two wire serial
I2C bus ®. Chip address is 22h. Internal ROM pro-
vides a character set suitable to display text using
up to seven national languages. Hardware and
software features allow selectable master/slave
synchronization configurations. The STV5348
also supports facilities for reception and display of
current level protocol data.
Figure 1. Package
Figure 2. Pin Connections
PDIP28 (Plastic Package)
SO28 (Plastic Package)
1
2
3
4
5
6
28
27
26
25
24
23
7
8
9
22
21
20
10
19
11
18
12
17
13
16
14
15
R
B
G
VDDA
CVBS
MA/SL
POL
STTV/LFB
VSSD
FFB
RGB REF
BLAN
COR
ODD/EVEN
VSSA
VSSO
VDDD
CBLK
TEST
XTI
XTO
VCR/TV
RESERVED
DV
L23
SDA
SCL
Y


Similar Part No. - STV5348/T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV5348 STMICROELECTRONICS-STV5348 Datasheet
684Kb / 22P
MONOCHIP TELETEXT AND VPS DECODER WITH 8 INTEGRATED PAGES
Sep-1998
STV5348D STMICROELECTRONICS-STV5348D Datasheet
684Kb / 22P
MONOCHIP TELETEXT AND VPS DECODER WITH 8 INTEGRATED PAGES
Sep-1998
STV5348D/H STMICROELECTRONICS-STV5348D/H Datasheet
684Kb / 22P
MONOCHIP TELETEXT AND VPS DECODER WITH 8 INTEGRATED PAGES
Sep-1998
STV5348D/T STMICROELECTRONICS-STV5348D/T Datasheet
684Kb / 22P
MONOCHIP TELETEXT AND VPS DECODER WITH 8 INTEGRATED PAGES
Sep-1998
STV5348DH STMICROELECTRONICS-STV5348DH Datasheet
684Kb / 22P
MONOCHIP TELETEXT AND VPS DECODER WITH 8 INTEGRATED PAGES
Sep-1998
More results

Similar Description - STV5348/T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5244A PHILIPS-SAA5244A Datasheet
198Kb / 32P
Integrated VIP and teletext decoder IVT1.1
March 1992
SAA5246A PHILIPS-SAA5246A Datasheet
630Kb / 50P
Integrated VIP and Teletext IVT1.0
January 1993
SAA5254 PHILIPS-SAA5254 Datasheet
805Kb / 36P
Integrated VIP and teletext decoder IVT1.1X
1996 Nov 07
SAA5281 PHILIPS-SAA5281 Datasheet
1Mb / 48P
Integrated Video input processor and Teletext decoder IVT1.8
1996 Nov 04
logo
STMicroelectronics
STV5347 STMICROELECTRONICS-STV5347 Datasheet
506Kb / 22P
MONOCHIP TELETEXT AND VPS DECODER WITH 4 INTEGRATED PAGES
Jun-1997
STV5348 STMICROELECTRONICS-STV5348 Datasheet
684Kb / 22P
MONOCHIP TELETEXT AND VPS DECODER WITH 8 INTEGRATED PAGES
Sep-1998
logo
Siemens Semiconductor G...
SDA5642-6 SIEMENS-SDA5642-6 Datasheet
684Kb / 27P
VPS-Decoder
logo
STMicroelectronics
STV5342 STMICROELECTRONICS-STV5342 Datasheet
448Kb / 20P
TELETEXT DECODER WITH 4 INTERGATED PAGES
Apr-1994
STV5345 STMICROELECTRONICS-STV5345 Datasheet
579Kb / 25P
TELETEXT DECODER WITH 8 INTEGRATED PAGES
Apr-1994
STV5346 STMICROELECTRONICS-STV5346 Datasheet
471Kb / 21P
MONOCHIP TELETEXT DECODER WITH 8 INTEGRATED PAGES
Nov-1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com