Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5348/T Datasheet(PDF) 27 Page - STMicroelectronics

Part # STV5348/T
Description  MONOCHIP TELETEXT AND VPS DECODER WITH 8 INTEGRATED PAGES
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5348/T Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STV5348/T Datasheet HTML 22Page - STMicroelectronics STV5348/T Datasheet HTML 23Page - STMicroelectronics STV5348/T Datasheet HTML 24Page - STMicroelectronics STV5348/T Datasheet HTML 25Page - STMicroelectronics STV5348/T Datasheet HTML 26Page - STMicroelectronics STV5348/T Datasheet HTML 27Page - STMicroelectronics STV5348/T Datasheet HTML 28Page - STMicroelectronics STV5348/T Datasheet HTML 29Page - STMicroelectronics STV5348/T Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
27/30
STV5348 - STV5348/H - STV5348/T
PACKAGE MECHANICAL
Table 22. PDIP28 - 28 Pins - Plastic Dip - Mechanical Data
Figure 22. PDIP28 - 28 Pins - Plastic Dip - Package Dimensions
Note: Drawing is not to scale
Symbol
millimeters
inches
Min
Typ
Max
Min
Typ
Max
a1
0.63
0.025
b
0.45
0.018
b1
0.23
0.31
0.009
0.012
b2
1.27
0.050
D
37.4
1.470
E
15.2
16.68
0.598
0.657
e
2.54
0.100
e3
33.02
1.300
F
14.1
0.555
I
4.445
0.175
L
3.3
0.130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com