Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5348/T Datasheet(PDF) 5 Page - STMicroelectronics

Part # STV5348/T
Description  MONOCHIP TELETEXT AND VPS DECODER WITH 8 INTEGRATED PAGES
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5348/T Datasheet(HTML) 5 Page - STMicroelectronics

  STV5348/T Datasheet HTML 1Page - STMicroelectronics STV5348/T Datasheet HTML 2Page - STMicroelectronics STV5348/T Datasheet HTML 3Page - STMicroelectronics STV5348/T Datasheet HTML 4Page - STMicroelectronics STV5348/T Datasheet HTML 5Page - STMicroelectronics STV5348/T Datasheet HTML 6Page - STMicroelectronics STV5348/T Datasheet HTML 7Page - STMicroelectronics STV5348/T Datasheet HTML 8Page - STMicroelectronics STV5348/T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
5/30
STV5348 - STV5348/H - STV5348/T
Table 5. Outputs
Table 6. Crystal Oscillator
Symbol
Parameter
Min.
Typ.
Max.
Unit
RGB
VOL
Output Low Voltage (IOL = 2mA)
0.4
V
VOH
Output High Voltage (IOH = –2mA, RGB REF = VDD/2) RGB REF – 0.5
RGB REF
V
CL
Load Capacitance
50
pF
tR, tF
Rise and Fall Time (10 to 90%)
20
ns
BLAN
VOL
Output Low Voltage (IOL = 2mA)
0
0.4
V
VOH
Output High Voltage (IOH = –0.2mA)
VDD – 0.5
V
CL
Load Capacitance
50
pF
tR, tF
Rise and Fall Time (10 to 90%)
20
ns
ODD/EVEN, STTV, L23, DV
VOL
Output Low Voltage (IOL = 2mA)
0
0.5
V
VOH
Output High Voltage (IOH = –0.2mA)
VDD – 0.8
VDD
V
CL
Load Capacitance
50
pF
tR, tF
Rise and Fall Time (10 to 90%)
20
ns
COR AND COR AND Y (with Pull up to VDDD)
VOL
Output Low Voltage (IOL = 2mA)
0
0.5
V
CL
Load Capacitance
25
V
tF
Fall Time (RL = 1.2kΩ, VDDD – 0.5V to 1.5V)
50
ns
IOLL
Output Leakage Current
–10
+10
µs
SDA
VOL
Output Low Voltage (IOL = 3mA)
0
0.5
V
tF
Fall Time (3.0 to 1.0V)
200
ns
CL
Load Capacitance
400
pF
Symbol
Parameter
Min.
Typ.
Max.
Unit
fXTAL
Crystal Frequency
13.875
MHz
RBIAS
Internal Bias Resistance
0.4
1
3
M
Ω
CI
Input Capacitance
7
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com