Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5348/T Datasheet(PDF) 11 Page - STMicroelectronics

Part # STV5348/T
Description  MONOCHIP TELETEXT AND VPS DECODER WITH 8 INTEGRATED PAGES
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5348/T Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STV5348/T Datasheet HTML 7Page - STMicroelectronics STV5348/T Datasheet HTML 8Page - STMicroelectronics STV5348/T Datasheet HTML 9Page - STMicroelectronics STV5348/T Datasheet HTML 10Page - STMicroelectronics STV5348/T Datasheet HTML 11Page - STMicroelectronics STV5348/T Datasheet HTML 12Page - STMicroelectronics STV5348/T Datasheet HTML 13Page - STMicroelectronics STV5348/T Datasheet HTML 14Page - STMicroelectronics STV5348/T Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
11/30
STV5348 - STV5348/H - STV5348/T
Table 9. Row 25 Received Page Control Data Format
VPS DATA (see Table 10)
VPS data are stored in row 25 chapter 5 as shown
in Table 10 when VPS enable bit (D4 of R8 regis-
ter) is set. VPS data bits are decoded and stored
in a received area with biphase error bit.
8/30/2 data are stored as received (without ham-
ming decoding) in Row 23 chapter 5 according to
Table 10.
8/30 packet and VPS data decoding is the respon-
sibility of the control software. The decoder simply
stores transmitted data.
I2C Bus Register Map (see Table 11)
Registers R0 to R10 are write only whilst R11A is
a read/write and R11B is read only.
The automatic succession on a byte by byte basis
is indicated by the arrows in Table 10.
In the normal operating mode TB should be set to
logic level 0.
After power-up the contents of the registers are as
follows: all bits in registers R0 to R11A are cleared
to zero with the exception of bits D0 and D1 in reg-
isters R5 and R6 which are set to logical one.
After power-up all the memory bytes are preset to
hexadecimal value 20H (space) with the exception
of the byte corresponding to row 0 of column 7 of
chapter 0 which is set to the value corresponding
to "alpha white" hexadecimal value 07H.
Table 10. PDC Data Storage
D0
PU0
PT0
MU0
MT0
HU0
HT0
C7
C11
MAG0
0
D1
PU1
PT1
MU1
MT1
HU1
HT1
C8
C12
MAG1
0
D2
PU2
PT2
MU2
MT2
HU2
C5
C9
C13
MAG2
0
D3
PU3
PT3
MU3
C4
HU3
C6
C10
C14
0
0
D4
HAM
HAM
HAM
HAM
HAM
HAM
HAM
HAM
FOUND
0
D5
00000
0000
PBLF
D6
00000
00000
D7
00000
00000
COLUMN
01234
56789
Page number : - MAG = magazine, PU = page units, PT = page tens.
Page sub-code : - MU = minutes units, MT = minutes tens, HU = hours units, HT = hours tens.
PBLF = page being looked for, FOUND = low for page found, HAM = hamming error in byte, C4-14 = control bits.
Column
0123456
789
10
11
12
13
14
15
16
17
18
19
8/30/2 (Row 23)
D
Initial Page
b13 b14 b15 b16 b17 b18 b19 b20 b21 b22 b23 b24 b25
VPS (Row 25)
Received Page Information
B11
B12
B13
B14
B15
Column
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
8/30/2 (Row 23)
Status Display
VPS (Row 25)
B4
B5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com