Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5348/T Datasheet(PDF) 3 Page - STMicroelectronics

Part # STV5348/T
Description  MONOCHIP TELETEXT AND VPS DECODER WITH 8 INTEGRATED PAGES
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5348/T Datasheet(HTML) 3 Page - STMicroelectronics

  STV5348/T Datasheet HTML 1Page - STMicroelectronics STV5348/T Datasheet HTML 2Page - STMicroelectronics STV5348/T Datasheet HTML 3Page - STMicroelectronics STV5348/T Datasheet HTML 4Page - STMicroelectronics STV5348/T Datasheet HTML 5Page - STMicroelectronics STV5348/T Datasheet HTML 6Page - STMicroelectronics STV5348/T Datasheet HTML 7Page - STMicroelectronics STV5348/T Datasheet HTML 8Page - STMicroelectronics STV5348/T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
3/30
STV5348 - STV5348/H - STV5348/T
Figure 3. Block Diagram
Table 2. Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
VDD
Positive Supply Voltage on VDDD and VDDA
–0.3, 6.0
V
VI
Input Voltage (any input)
–0.3, VDD + 0.5
V
VO
Output Voltage (any output)
–0.3, VDD + 0.5
V
∆VDD
Difference between VDDD, VDDA
0.25
V
Toper
Operating Ambient Temperature
0, +70
°C
Tstg
Storage Temperature
–40, +150
°C
L23
18
Data
Clock
BLAN
RED
GREEN
BLUE
Y
SCL
SDA
XTI
XTO
CVBS
TEST
RGB REF
POL
FFB
STTV/LFB
DISPLAY
INTERFACE
8 PAGES
MEMORY
DATA DECODING
DATA
PROCESSING
CLAMPING
SYNCHRONIZING
DATA EXTRACTION
27
1
28
21
24
23
25
16
17
7
26
14
11
15
10
9
8
13
12
3
22
5
6
2
4
I C BUS
INTERFACE
2
STV5348
CBLK
VCR/TV
VSSO
VSSD VSSA
ODD/EVEN
COR
VDDA
VDDD
MA/SL
OSCILLATOR
FREQUENCY
SYNTHETIZER
TIME BASE
19 DV
20 TEST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com