Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5348D Datasheet(PDF) 6 Page - STMicroelectronics

Part # STV5348D
Description  MONOCHIP TELETEXT AND VPS DECODER WITH 8 INTEGRATED PAGES
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5348D Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STV5348D Datasheet HTML 2Page - STMicroelectronics STV5348D Datasheet HTML 3Page - STMicroelectronics STV5348D Datasheet HTML 4Page - STMicroelectronics STV5348D Datasheet HTML 5Page - STMicroelectronics STV5348D Datasheet HTML 6Page - STMicroelectronics STV5348D Datasheet HTML 7Page - STMicroelectronics STV5348D Datasheet HTML 8Page - STMicroelectronics STV5348D Datasheet HTML 9Page - STMicroelectronics STV5348D Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
STV5348 - STV5348/H - STV5348/T
6/30
Table 7. Timing
Figure 4. Display Output Timing
Symbol
Parameter
Min.
Typ.
Max.
Unit
SERIAL BUS (referred to VIH = 3V, VIL = 1.5V)
tLOW
tHIGH
Clock:
● Low Period
● High Period
4
4
µs
µs
tSU, DAT
Data Set-up Time
250
ns
tHD, DAT
Data Hold Time
170
ns
tSU, STO
Stop Set-up Time from Clock High
4
µs
tBUF
Start Set-up Time following a Stop
4
µs
tHD, STA
Start Hold Time
4
µs
tSU, STA
Start Set-up Time following Clock Low to High Transition
4
µs
04.66
64
312
291
41
0
0
16.67
56.67
40µs
lines 42 to 291 inclusive
(and 355 to 604 inclusive interlaced)
(a) LINE RATE
(b) FIELD RATE
all timings in µs
s
line numbers
LSP
(TCS)
R.G.B.Y
(1)
R.G.B.Y
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com