Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5348D Datasheet(PDF) 13 Page - STMicroelectronics

Part # STV5348D
Description  MONOCHIP TELETEXT AND VPS DECODER WITH 8 INTEGRATED PAGES
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5348D Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STV5348D Datasheet HTML 9Page - STMicroelectronics STV5348D Datasheet HTML 10Page - STMicroelectronics STV5348D Datasheet HTML 11Page - STMicroelectronics STV5348D Datasheet HTML 12Page - STMicroelectronics STV5348D Datasheet HTML 13Page - STMicroelectronics STV5348D Datasheet HTML 14Page - STMicroelectronics STV5348D Datasheet HTML 15Page - STMicroelectronics STV5348D Datasheet HTML 16Page - STMicroelectronics STV5348D Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
13/30
STV5348 - STV5348/H - STV5348/T
Table 12. Registers Functions
Register
Function
Bit(s)
Description
R0
Address
00H
R11 addressing and
pin functions control
SEL 11B (D0)
Selection of register 11B (D0 = 1) or 11A (D0 = 0)
EVEN OFF (D2)
Control of ODD/EVEN pin: EVEN signal output
(D2 = 0) or grounded (D2 = 1)
DISABLE ROLLING
HEADER
D4 = 1, Disable rolling header
D4 = 0, Normal operation
FREE RUNNING
PLL (D6)
D6 = 0, PLL locks on line frequency
D6 = 1, to force free running mode
X/24 POSITION (D7)
D7 = 0, packet X/24 stored to chapter 4 to 7/row 20
D7 = 1, packet X/24 stored to chapter 0 to 3/row 24
R1
Address
01H
Operating mode
controls
T1 (D1)
T0 (D0)
00
01
10
11
Character display line control:
312.5/312.5 line MIX - mode with interlace
312/313 line TEXT - mode without interlace
312/312 line Terminal mode without interlace
External synchronization. SCS mode (scan field
synchro)
TCS ON (D2)
Master Mode (MA/SL Pin 2 = 0)
case POL Pin 4 = 0
D2 = 0, Pin 5 = VCS
D2 = 1, Pin 5 = TCS
Slave Mode (MA/SL Pin 2 = VDD)
No effect
DEW / FULLFIELD
(D3)
Selection of field flyback mode or full channel mode
(D3 = 1) for recovering of Teletext data.
GHOST ROW
ENABLE (D4)
Selection of ghost row mode (D4 = 1)
ACQUISITION
ON / OFF (D5)
Control of acquisition operation (D5 = 0 enables
acquisition)
7 bits + parity or 8 bits
without parity (D6)
Selection of received data format either 7 bits with
parity (D6 = 0) or 8 bits without parity (D6 = 1).
R2
Address
02H
Addressing
information for
a page request
SC0, SC1, SC2
(D0, D1, D2)
Address the first column of the on chip page request
RAM to be written.
TB (D3)
Test bit equal to "0" in the normal working mode.
A0, A1 (D4, D5)
Address a group of four consecutive pages currently
used for data acquisition.
A2 (D6)
Address of one of the two groups of four pages for
acquisition in normal mode.
R3
Address
03H
Data relative to the
requested page
(see Table 10)
PRD0 - PRD4
(D0 - D4)
Written data in the page request RAM, starting with
the columns addressed by SC0, SC1, SC2.
R4
Address
04H
Selection of one of
eight pages to
display
A0, A1, A2
(D0, D1, D2)
Chapter selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com