Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5348D Datasheet(PDF) 15 Page - STMicroelectronics

Part # STV5348D
Description  MONOCHIP TELETEXT AND VPS DECODER WITH 8 INTEGRATED PAGES
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5348D Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STV5348D Datasheet HTML 11Page - STMicroelectronics STV5348D Datasheet HTML 12Page - STMicroelectronics STV5348D Datasheet HTML 13Page - STMicroelectronics STV5348D Datasheet HTML 14Page - STMicroelectronics STV5348D Datasheet HTML 15Page - STMicroelectronics STV5348D Datasheet HTML 16Page - STMicroelectronics STV5348D Datasheet HTML 17Page - STMicroelectronics STV5348D Datasheet HTML 18Page - STMicroelectronics STV5348D Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
15/30
STV5348 - STV5348/H - STV5348/T
Table 13. Register R3
Character Sets
The complete character set with 8-bit decoding is
given in Table 12.
Characters in columns 0 and 1 are normally dis-
played as blanks. Black dots represent the charac-
ter shape whereas white dots represent the
background.
Each character can be identified by a pair of corre-
sponding row and column integers: for example
the character "3" may be indicated by 3/3.
A rectangle may be represented as follows:
The characters 8/6, 8/7, 9/5, 9/7 are used as spe-
cial characters, always in conjunction with 8/5.
The 13 national characters are placed in columns
with bit 8 = 0.
START
COLUMN
PRD4
PRD3
PRD2
PRD1
PRD0
0
Do care magazine
HOLD
MAG2
MAG1
MAG0
1
Do care page tens
PT3
PT2
PT1
PT0
2
Do care page units
PU3
PU2
PU1
PU0
3
Do care hours tens
X
X
HT1
HT0
4
Do care hours units
HU3
HU2
HU1
HU0
5
Do care minutes tens
X
MT2
MT1
MT0
6
Do care minutes units
MU3
MU2
MU1
MU0
The abbreviations have the same significance as in Table 9 with the exception of the "DO CARE" entries. It is only when this bit is "1"
that the corresponding digit is taken into consideration on page request. For example, a page defined as "normal" or one defined as
"timed" may be selected.
If "HOLD" is low the page is held. The addressing of successive bytes via the I
2C is automatic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com