Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5348D Datasheet(PDF) 4 Page - STMicroelectronics

Part # STV5348D
Description  MONOCHIP TELETEXT AND VPS DECODER WITH 8 INTEGRATED PAGES
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5348D Datasheet(HTML) 4 Page - STMicroelectronics

  STV5348D Datasheet HTML 1Page - STMicroelectronics STV5348D Datasheet HTML 2Page - STMicroelectronics STV5348D Datasheet HTML 3Page - STMicroelectronics STV5348D Datasheet HTML 4Page - STMicroelectronics STV5348D Datasheet HTML 5Page - STMicroelectronics STV5348D Datasheet HTML 6Page - STMicroelectronics STV5348D Datasheet HTML 7Page - STMicroelectronics STV5348D Datasheet HTML 8Page - STMicroelectronics STV5348D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
STV5348 - STV5348/H - STV5348/T
4/30
ELECTRICAL CHARACTERISTICS
(VDD = 5V, VSS = 0V, TA = 25°C)
Table 3. Supplies
Table 4. Inputs
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
4.75
5.0
5.25
V
IDDD
VDDD Pin Supply Current
30
mA
IDDA
VDDA Pin Supply Current
5
mA
Symbol
Parameter
Min.
Typ.
Max.
Unit
CBLK
IBLKO
Source Current (VCBLK = 2V, VCVBS = 0V)
4.75
5.0
5.25
V
IBLKI
Sink Current (VCBLK = 2V, VCVBS = 1V))
30
mA
CVBS
CVBSI
Video Input Amplitude (peak to peak)
1
V
CVBSC
Input Capacitance
10
pF
tSYNC
Delay from CVBS to TCS Output from STTV Pin
200
ns
VCLAMP
Clamping Level at Synchro Pulse
0
mV
ICLPH
High Level Clamp Current (CVBS = VCLAMP +1V)
5
µA
ICLPL
Low Level Clamp Current (CVBS = VCLAMP – 0.3V)
–400
µA
MA/SL, POL, LFB, FFB, VCR/TV
VIL
Input Voltage Low Level
–0.3
+0.8
V
VIH
Input Voltage High Level
2
VDD
V
IIL
Input Leakage Current (VI = 0 to VDDD)
–10
+10
µA
CI
Input Capacitance
10
pF
SCL, SDA
VIL
Input Voltage Low Level
–0.3
+1.5
V
VIH
Input Voltage High Level
3
VDD
V
IIL
Input Leakage Current (VI = 0 to VDD)
–10
+10
µA
fSCL
Clock Frequency (SCL)
100
kHz
tR, tF
Input Rise and Fall Time (10 to 90%)
2
µs
CI
Input Capacitance
10
pF
RGB REF
VI
Input Voltage
VDD–0.5V
VDD
VDD+0.3V
V
II
Input Current
50
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com