Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5348D Datasheet(PDF) 14 Page - STMicroelectronics

Part # STV5348D
Description  MONOCHIP TELETEXT AND VPS DECODER WITH 8 INTEGRATED PAGES
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5348D Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STV5348D Datasheet HTML 10Page - STMicroelectronics STV5348D Datasheet HTML 11Page - STMicroelectronics STV5348D Datasheet HTML 12Page - STMicroelectronics STV5348D Datasheet HTML 13Page - STMicroelectronics STV5348D Datasheet HTML 14Page - STMicroelectronics STV5348D Datasheet HTML 15Page - STMicroelectronics STV5348D Datasheet HTML 16Page - STMicroelectronics STV5348D Datasheet HTML 17Page - STMicroelectronics STV5348D Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
STV5348 - STV5348/H - STV5348/T
14/30
Note: 1. Reading of R11A or R11B is determined by register 0, bit D0. However, write operation is always performed on R11A register.
R5
Address
05H
Display control for
normal operation
PON (D0, D1)
Picture on (IN: D0, OUT: D1)
TEXT (D2, D3)
Text on (IN: D2, OUT: D3)
COR (D4, D5)
Contrast reduction on (IN: D4, OUT: D5)
BKGND (D6, D7)
Background color on (IN: D6, OUT: D7)
IN / OUT
Enable inside/outside the box
R6
Address
06H
Display control for
news-flash subtitle
generation
See R5
See R5
R7
Address
07H
Display mode
BOX ON 0, 1-23,24
(D0, D1, D2)
The "boxing" function is enabled on row 0,1-23 and
24 by D0, D1 and D2 set to one.
TOP / BOTTOM
Single / Double Height
(D4/D3)
X0 = Normal
01 = double height Rows 0 to 11
11 = double height Rows 12 to 23
Conceal / Reveal (D5)
Conceal Reveal Function
Cursor ON/OFF (D6)
Cursor position given by row/column value of R9/R10
STATUS ROW
BTM / TOP (D7)
The row 24 is displayed before the "Main text Area"
(lines 0-23) or after (D7 = 0).
R8
Memory access
VPS Enable (D4)
D4 = 1 Enable VPS acquisition and DV signal output.
Clear Memory (D3)
D4 = 1 Clear memory.
Chapter selected with A2A1A0 (D2, D1, D0) R4.
Chapter Address
(D2, D1, D0)
Chapter selection
R9 to R11A
Address
08H to 0BH (1)
Active row address (R9), active column address (R10).
Data contained in R11A read (written) from (to) memory by microprocessor via I2C.
R11B
Address
0BH (1)
Status
VCS QUAL (D0)
Good VCS quality signal detected (D0 = 1).
Bad VCS quality signal detected (D0 = 0).
DATA QUAL (D1)
Good TELETEXT signal (D1 = 1).
Bad TELETEXT signal (D1 = 0).
50/60Hz (D7)
If D1 = 0 frame frequency is 50Hz
(only valid with good VCS)
Register
Function
Bit(s)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com