Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LD05C Datasheet(PDF) 16 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LD05C
Description  Uniform Sector Standard and Dual Serial Flash
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LD05C Datasheet(HTML) 16 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LD05C Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD05C Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD05C Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD05C Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD05C Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD05C Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD05C Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD05C Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD05C Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
Uniform Sector
Standard and Dual Serial Flash
GD25LD10C/05C
16
7.7. Dual Output Fast Read (3BH)
The Dual Output Fast Read command is followed by 3-byte address (A23-A0) and a dummy byte, and each bit being
latched in on the rising edge of SCLK, then the memory contents are shifted out 2-bit per clock cycle from SI and SO.
The command sequence is shown in followed Figure7. The first byte addressed can be at any location. The address is
automatically incremented to the next higher address after each byte of data is shifted out.
Figure7. Dual Output Fast Read Sequence Diagram
7.8. Page Program (PP) (02H)
The Page Program (PP) command is for programming the memory. A Write Enable (WREN) command must
previously have been executed to set the Write Enable Latch (WEL) bit before sending the Page Program command.
The Page Program (PP) command is entered by driving CS# Low, followed by the command code, three address
bytes and at least one data byte on SI.
If the 8 least significant address bits (A7-A0) are not all zero, all transmitted data that goes beyond the end of the
current page are programmed from the start address of the same page (from the address whose 8 least significant bits (A7-
A0) are all zero). CS# must be driven low for the entire duration of the sequence.
The Page Program command sequence: CS# goes low  sending Page Program command  3-byte address on SI
 at least 1 byte data on SI  CS# goes high. The command sequence is shown in Figure8.
If more than 256 bytes are sent to the device, previously latched data are discarded and the last 256 data bytes are
guaranteed to be programmed correctly within the same page. If less than 256 data bytes are sent to device, they are
correctly programmed at the requested addresses without having any effects on the other bytes of the same page. CS#
must be driven high after the eighth bit of the last data byte has been latched in; otherwise the Page Program (PP) command
is not executed.
As soon as CS# is driven high, the self-timed Page Program cycle (whose duration is tPP) is initiated. While the Page
Program cycle is in progress, the Status Register may be read to check the value of the Write In Progress (WIP) bit. The
Write In Progress (WIP) bit is 1 during the self-timed Page Program cycle, and is 0 when it is completed. At some unspecified
time before the cycle is completed, the Write Enable Latch (WEL) bit is reset.
A Page Program (PP) command is not executed when it is applied to a page protected by the Block Protect (BP2,
BP1, BP0).
Command
0
1
2
3
4
5
6
7
3BH
CS#
SCLK
SI
SO
High-Z
8
9 10
28 29 30 31
3
2
1
0
23 22 21
24-bit address
MSB
34 35 36 37
33
5
3
1
7
5
3
1
38 39
Data Out1
32
42 43 44 45
41
46 47
40
7
Data Out2
CS#
SCLK
SI
SO
MSB
Dummy Clocks
4
2
0
6
4
2
0
6
6
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com