Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LD05C Datasheet(PDF) 13 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LD05C
Description  Uniform Sector Standard and Dual Serial Flash
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LD05C Datasheet(HTML) 13 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LD05C Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD05C Datasheet HTML 10Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD05C Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD05C Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD05C Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD05C Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD05C Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD05C Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD05C Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
Uniform Sector
Standard and Dual Serial Flash
GD25LD10C/05C
13
7.1. Write Enable (WREN) (06H)
The Write Enable (WREN) command is for setting the Write Enable Latch (WEL) bit to 1. The Write Enable Latch
(WEL) bit must be set prior to every Page Program (PP), Sector Erase (SE), Block Erase (BE), Chip Erase (CE) and Write
Status Register (WRSR) command.
The Write Enable (WREN) command sequence: CS# goes low  sending the Write Enable command  CS# goes
high.
Figure1. Write Enable Sequence Diagram
7.2. Write Disable (WRDI) (04H)
The Write Disable command is for resetting the Write Enable Latch (WEL) bit to 0. The WEL bit is reset by following
condition: Power-up and upon completion of the Write Status Register, Page Program, Sector Erase, Block Erase and Chip
Erase commands.
The Write Disable command sequence: CS# goes lowSending the Write Disable command CS# goes high.
Figure2. Write Disable Sequence Diagram
7.3. Read Status Register (RDSR) (05H)
The Read Status Register (RDSR) command is for reading the Status Register. The Status Register may be read at
any time, even while a Program, Erase or Write Status Register cycle is in progress.
When one of these cycles is in progress, it is recommended to check the Write In Progress (WIP) bit before sending
a new command to the device. It is also possible to read the Status Register continuously. For command code “05H”, the
SO will output Status Register bits S7~S0.
Command
0
1
2
3
4
5
6
7
06H
CS#
SCLK
SI
SO
High-Z
Command
0
1
2
3
4
5
6
7
04H
CS#
SCLK
SI
SO
High-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com