Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LD05C Datasheet(PDF) 29 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LD05C
Description  Uniform Sector Standard and Dual Serial Flash
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LD05C Datasheet(HTML) 29 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LD05C Datasheet HTML 25Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD05C Datasheet HTML 26Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD05C Datasheet HTML 27Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD05C Datasheet HTML 28Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD05C Datasheet HTML 29Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD05C Datasheet HTML 30Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD05C Datasheet HTML 31Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD05C Datasheet HTML 32Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD05C Datasheet HTML 33Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
Uniform Sector
Standard and Dual Serial Flash
GD25LD10C/05C
29
(T= -40℃~105℃, VCC=1.65~2.0V, CL=30pf)
Symbol
Parameter
Min.
Typ.
Max.
Unit.
fC
Serial Clock Frequency For: Fast read (0BH)
50
MHz
fR
Serial Clock Frequency For: Read (03H), Dual Output (3BH)
40
MHz
tCLH
Serial Clock High Time
8
ns
tCLL
Serial Clock Low Time
8
ns
tCLCH
Serial Clock Rise Time (Slew Rate)
0.1
V/ns
tCHCL
Serial Clock Fall Time (Slew Rate)
0.1
V/ns
tSLCH
CS# Active Setup Time
10
ns
tCHSH
CS# Active Hold Time
10
ns
tSHCH
CS# Not Active Setup Time
10
ns
tCHSL
CS# Not Active Hold Time
10
ns
tSHSL
CS# High Time (Read/Write)
40
ns
tSHQZ
Output Disable Time
12
ns
tCLQX
Output Hold Time
0
ns
tDVCH
Data In Setup Time
4
ns
tCHDX
Data In Hold Time
4
ns
tCLQV
Clock Low To Output Valid
12
ns
tWHSL
Write Protect Setup Time Before CS# Low
20
ns
tSHWL
Write Protect Hold Time After CS# High
100
ns
tDP
CS# High To Deep Power-Down Mode
0.1
μs
tRES1
CS# High To Standby Mode Without Electronic Signature
Read
0.1
μs
tRES2
CS# High To Standby Mode With Electronic Signature Read
0.1
μs
tW
Write Status Register Cycle Time
5
40
ms
tBP1
Byte Program Time(First Byte)
40
120
μs
tBP2
Addition Byte Program Time(After First Byte)
5
15
μs
tPP
Page Programming Time
1.6
7
ms
tSE
Sector Erase Time
150
600
ms
tBE1
Block Erase Time (32K Bytes)
0.5
3.5
s
tBE2
Block Erase Time (64K Bytes)
0.8
5
s
tCE
Chip Erase Time (GD25LD10C)
1.5
6.5
s
tCE
Chip Erase Time (GD25LD05C)
0.8
3.5
s
Note:
1. Typical values given for TA=25°C VCC = 1.8V.
2. Value guaranteed by design and/or characterization, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com