Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LD05C Datasheet(PDF) 17 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LD05C
Description  Uniform Sector Standard and Dual Serial Flash
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LD05C Datasheet(HTML) 17 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LD05C Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD05C Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD05C Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD05C Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD05C Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD05C Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD05C Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD05C Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD05C Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
Uniform Sector
Standard and Dual Serial Flash
GD25LD10C/05C
17
Figure8. Page Program Sequence Diagram
7.9. Sector Erase (SE) (20H)
The Sector Erase (SE) command is for erasing the all data of the specific sector. A Write Enable (WREN) command
must previously have been executed to set the Write Enable Latch (WEL) bit. The Sector Erase (SE) command is entered
by driving CS# low, followed by the command code, and 3-address byte on SI. Any address inside the sector is a valid
address for the Sector Erase (SE) command. CS# must be driven low for the entire duration of the sequence.
The Sector Erase command sequence: CS# goes low  sending Sector Erase command  3-byte address on SI 
CS# goes high. The command sequence is shown in Figure9. CS# must be driven high after the eighth bit of the last address
byte has been latched in; otherwise the Sector Erase (SE) command is not executed. As soon as CS# is driven high, the
self-timed Sector Erase cycle (whose duration is tSE) is initiated. While the Sector Erase cycle is in progress, the Status
Register is accessed to check the value of the Write In Progress (WIP) bit. The Write In Progress (WIP) bit is 1 during the
self-timed Sector Erase cycle, and becomes 0 when it is completed. At some unspecified time before the cycle is completed,
the Write Enable Latch (WEL) bit is reset. A Sector Erase (SE) command applied to a sector which is protected by the Block
Protect (BP2, BP1, BP0) bit (see Table1) is not executed.
Figure9. Sector Erase Sequence Diagram
Command
0
1
2
3
4
5
6
7
02H
CS#
SCLK
SI
8
9 10
28 29 30 31
3
2
1
0
23 22 21
24-bit address
42 43 44 45
41
46 47
40
50 51 52 53
49
54 55
48
6
5
4
3
2
1
0
7
CS#
SCLK
SI
MSB
Data Byte 2
32 33 34 35
7
6
5
4
3
2
1
0
MSB
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
Data Byte 1
Data Byte 3
Data Byte 256
MSB
MSB
MSB
36 37 38 39
Command
0
1
2
3
4
5
6
7
20H
CS#
SCLK
SI
8
9
29 30 31
MSB
2
1
0
24 Bits Address
23 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com