Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LD05C Datasheet(PDF) 33 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LD05C
Description  Uniform Sector Standard and Dual Serial Flash
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LD05C Datasheet(HTML) 33 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LD05C Datasheet HTML 29Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD05C Datasheet HTML 30Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD05C Datasheet HTML 31Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD05C Datasheet HTML 32Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD05C Datasheet HTML 33Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD05C Datasheet HTML 34Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD05C Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD05C Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD05C Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
Uniform Sector
Standard and Dual Serial Flash
GD25LD10C/05C
33
9.1.
Valid Part Numbers
Please contact GigaDevice regional sales for the latest product selection and available form factors.
Temperature Range I: Industrial (-40
℃ to +85℃)
Product Number
Density
Package Type
GD25LD10CTIG
1Mbit
SOP8 150mil
GD25LD05CTIG
512Kbit
GD25LD10CSIG
1Mbit
SOP8 208mil
GD25LD05CSIG
512Kbit
GD25LD10COIG
1Mbit
TSSOP8 173mil
GD25LD05COIG
512Kbit
GD25LD10CPIG
1Mbit
DIP8 300mil
GD25LD05CPIG
512Kbit
GD25LD10CKIG
1Mbit
USON8 (1.5x1.5mm)
GD25LD05CKIG
512Kbit
GD25LD10CEIG
1Mbit
USON8 (3x2mm, 0.45mm thickness)
GD25LD05CEIG
512Kbit
Temperature Range J: Industrial (-40
℃ to +105℃)
Product Number
Density
Package Type
GD25LD10CTJG
1Mbit
SOP8 150mil
GD25LD05CTJG
512Kbit
GD25LD10CSJG
1Mbit
SOP8 208mil
GD25LD05CSJG
512Kbit
GD25LD10COJG
1Mbit
TSSOP8 173mil
GD25LD05COJG
512Kbit
GD25LD10CPJG
1Mbit
DIP8 300mil
GD25LD05CPJG
512Kbit
GD25LD10CKJG
1Mbit
USON8 (1.5x1.5mm)
GD25LD05CKJG
512Kbit
GD25LD10CEJG
1Mbit
USON8 (3x2mm, 0.45mm thickness)
GD25LD05CEJG
512Kbit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com