Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LE64C Datasheet(PDF) 21 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE64C
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE64C Datasheet(HTML) 21 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE64C Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64C Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64C Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64C Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64C Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64C Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64C Datasheet HTML 23Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64C Datasheet HTML 24Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64C Datasheet HTML 25Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 79 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE64C
21
Figure5. Read Status Register Sequence Diagram
Command
0
1
2
3
4
5
6
7
05H or 35H
CS#
SCLK
SI
SO
High-Z
8
9 10 11 12 13 14 15
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
MSB
S7~S0 or S15~S8 out
S7~S0 or S15~S8 out
MSB
Figure5a. Read Status Register Sequence Diagram (QPI)
CS#
SCLK
IO0
IO1
IO2
IO3
0
1
2
3
4
5
Command
05H or 35H
4
4
0
0
5
5
1
1
4
5
6
2
6
2
6
7
3
7
3
7
S7-S0 or S15-S8 out
Figure5b. Read Status Register Sequence Diagram (QPI) (15H)
CS#
SCLK
IO0
IO1
IO2
IO3
0
1
2
3
4
5
Command
15H
S1
S1
S0
S0
S1-S0 out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com