Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LE64C Datasheet(PDF) 3 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE64C
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE64C Datasheet(HTML) 3 Page - GigaDevice Semiconductor (Beijing) Inc.

  GD25LE64C Datasheet HTML 1Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64C Datasheet HTML 2Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64C Datasheet HTML 3Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64C Datasheet HTML 4Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64C Datasheet HTML 5Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64C Datasheet HTML 6Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64C Datasheet HTML 7Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64C Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64C Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 79 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE64C
3
7.32
SET READ PARAMETERS (C0H)
....................................................................................................................... 50
7.33
BURST READ WITH WRAP (0CH)
...................................................................................................................... 51
7.34
ENABLE QPI (38H)
........................................................................................................................................... 51
7.35
DISABLE QPI (FFH)
.......................................................................................................................................... 52
7.36
ENABLE RESET (66H) AND RESET (99H)
......................................................................................................... 52
7.37
READ SERIAL FLASH DISCOVERABLE PARAMETER (5AH)
............................................................................... 53
8.
ELECTRICAL CHARACTERISTICS
..............................................................................................................59
8.1
POWER-ON TIMING
...................................................................................................................................... 59
8.2
INITIAL DELIVERY STATE
........................................................................................................................... 59
8.3
ABSOLUTE MAXIMUM RATINGS
............................................................................................................... 59
8.4
CAPACITANCE MEASUREMENT CONDITIONS
..................................................................................... 60
8.5
DC CHARACTERISTICS
............................................................................................................................... 61
8.6
AC CHARACTERISTICS
............................................................................................................................... 64
9.
ORDERING INFORMATION
............................................................................................................................69
9.1
VALID PART NUMBERS
...................................................................................................................................... 70
10.
PACKAGE INFORMATION
.........................................................................................................................72
10.1
PACKAGE SOP8 208MIL
.................................................................................................................................. 72
10.2
PACKAGE VSOP8 208MIL
............................................................................................................................... 73
10.3
PACKAGE USON8 (4*4MM, 0.45MM THICKNESS)
............................................................................................ 74
10.4
PACKAGE WSON8 (6*5MM)
............................................................................................................................. 75
10.5
PACKAGE WLCSP (2X4 FUNCTIONAL BALL ARRAY)
........................................................................................ 76
10.6
PACKAGE WLCSP (4X2 FUNCTIONAL BALL ARRAY)
........................................................................................ 77
11.
REVISION HISTORY
....................................................................................................................................78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com