Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LE64C Datasheet(PDF) 78 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE64C
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE64C Datasheet(HTML) 78 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE64C Datasheet HTML 71Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64C Datasheet HTML 72Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64C Datasheet HTML 73Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64C Datasheet HTML 74Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64C Datasheet HTML 75Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64C Datasheet HTML 76Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64C Datasheet HTML 77Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64C Datasheet HTML 78Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64C Datasheet HTML 79Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 78 / 79 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE64C
78
11. REVISION HISTORY
Version No
Description
Page
Date
1.0
Initial Release
All
2017-7-24
1.1
Modify tw max. value from 40ms to 45ms
Modify Input Pause Voltage from “0.2VCC to 0.8VCC” to “0.1VCC to
0.8VCC
”
Modify Input Timing Reference Voltage from “0.3VCC to 0.7VCC” to
“0.2VCC to 0.7VCC”
Add Icc8 in DC CHARACTERISTICS, of which the max. value is
20mA
Delete tRST_R and tRST_P
Add tRST, of which the max. value is 30us
Modify the “note” in the description of WSON8 (6x5) and USON8
(4x4) packages
P59
P57
P57
P58
P59
P59
P65-66
2017-9-28
1.2
Modify tVSL min value from 5ms to 1.8ms
Modify Icc2 max value form 5uA to 8uA
Add fc2, of which the max value is 104MHz
Update the description of all packages
P56
P58
P59
P63-67
2018-4-9
1.3
Modify Icc3 typ. value @120MHz from 15mA to 13mA
Modify Icc3 typ. value @80MHz from 13mA to 11mA
P58
P58
2018-6-14
1.4
Add 4BH command
Modify the sequence diagram of 42H command
Add AC/DC parameters @-40~105℃
Add AC/DC parameters @-40~125℃
P45
P47
P61, 65, 66
P62, 67, 68
2018-9-3
1.5
Add tCLQV (CL = 15pF), of which the max value is 6ns
P63, 65, 66
2018-10-29
1.6
Add the package of WLCSP (4x2 functional ball array)
P77
2019-2-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com