Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LE64C Datasheet(PDF) 4 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE64C
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE64C Datasheet(HTML) 4 Page - GigaDevice Semiconductor (Beijing) Inc.

  GD25LE64C Datasheet HTML 1Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64C Datasheet HTML 2Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64C Datasheet HTML 3Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64C Datasheet HTML 4Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64C Datasheet HTML 5Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64C Datasheet HTML 6Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64C Datasheet HTML 7Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64C Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64C Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 79 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE64C
4
1. FEATURES
◆
64M-bit Serial Flash
◆
Fast Program/Erase Speed
-8192K-byte
-Page Program time: 0.7ms typical
-256 bytes per programmable page
-Sector Erase time: 90ms typical
-Block Erase time: 0.3/0.45s typical
◆
Standard, Dual, Quad SPI, QPI
-Chip Erase time: 30s typical
-Standard SPI: SCLK, CS#, SI, SO, WP#, HOLD#
-Dual SPI: SCLK, CS#, IO0, IO1, WP#, HOLD#
◆
Flexible Architecture
-Quad SPI: SCLK, CS#, IO0, IO1, IO2, IO3
-Uniform Sector of 4K-byte
-QPI: SCLK, CS#, IO0, IO1, IO2, IO3
-Uniform Block of 32/64K-byte
-Erase/Program Suspend/Resume
◆
High Speed Clock Frequency
-120MHz for fast read with 30PF load
◆
Low Power Consumption
-Dual I/O Data transfer up to 240Mbits/s
-35uA typical stand-by current
-Quad I/O Data transfer up to 480Mbits/s
-0.2uA typical power-down current
-QPI Mode Data transfer up to 480Mbits/s
◆
Advanced security Features
◆
Software/Hardware Write Protection
-128-bit Unique ID for each device
-Write protect all/portion of memory via software
-3x1024-Byte Security Registers With OTP Lock
-Enable/Disable protection with WP# Pin
-Top/Bottom Block protection
◆
Single Power Supply Voltage
-Full voltage range: 1.65~2.0V
◆
Minimum 100,000 Program/Erase Cycles
◆
Allows XIP (execute in place) Operation
◆
Data Retention
-Continuous Read With 8/16/32/64-byte Wrap
-20-year data retention typical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com