Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LE64C Datasheet(PDF) 6 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE64C
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE64C Datasheet(HTML) 6 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE64C Datasheet HTML 2Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64C Datasheet HTML 3Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64C Datasheet HTML 4Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64C Datasheet HTML 5Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64C Datasheet HTML 6Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64C Datasheet HTML 7Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64C Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64C Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64C Datasheet HTML 10Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 79 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE64C
6
Pin Description of WLCSP (2x4 functional ball array) Package
Pin Name
Ball No.
I/O
Description
CS#
A3
I
Chip Select Input
SO (IO1)
B3
I/O
Data Output (Data Input Output 1)
WP# (IO2)
C3
I/O
Write Protect Input (Data Input Output 2)
VSS
D3
Ground
SI (IO0)
D2
I/O
Data Input (Data Input Output 0)
SCLK
C2
I
Serial Clock Input
HOLD# (IO3)
B2
I/O
Hold Input (Data Input Output 3)
VCC
A2
Power Supply
Note: CS# must be driven high if chip is not selected. Please don’t leave CS# floating any time after power is on.
Pin Description of WLCSP (4x2 functional ball array) Package
Pin Name
Ball No.
I/O
Description
CS#
B3
I
Chip Select Input
SO (IO1)
C3
I/O
Data Output (Data Input Output 1)
WP#(IO2)
D3
I/O
Write Protect Input (Data Input Output 2)
VSS
E3
Ground
SI (IO0)
E2
I/O
Data Input (Data Input Output 0)
SCLK
D2
I
Serial Clock Input
HOLD#(IO3)
C2
I/O
Hold Input (Data Input Output 3)
VCC
B2
Power Supply
Note: CS# must be driven high if chip is not selected. Please don’t leave CS# floating any time after power is on.
A4
B3
E3
F4
A1
B2
E2
F1
C3
D3
C2
D2
TOP VIEW
BOTTOM VIEW
NC
NC
NC
NC
VCC
HOLD#/IO3 SLCK
SI/IO0
CS#
SO/IO1
WP#/IO2
VSS
WLCSP (4x2 functional ball array)
F4
E3
B3
A4
F1
E2
B2
A1
D3
C3
D2
C2
NC
NC
NC
VCC
HOLD#/IO3
SLCK
SI/IO0
CS#
SO/IO1
WP#/IO2
VSS
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com