Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPC01 Datasheet(PDF) 6 Page - Dorji Industrial Group Co.,Ltd

Part # DSPC01
Description  Digital Compass Pressure Sensor Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DORJI [Dorji Industrial Group Co.,Ltd]
Direct Link  http://www.dorji.com/
Logo DORJI - Dorji Industrial Group Co.,Ltd

DSPC01 Datasheet(HTML) 6 Page - Dorji Industrial Group Co.,Ltd

  DSPC01 Datasheet HTML 1Page - Dorji Industrial Group Co.,Ltd DSPC01 Datasheet HTML 2Page - Dorji Industrial Group Co.,Ltd DSPC01 Datasheet HTML 3Page - Dorji Industrial Group Co.,Ltd DSPC01 Datasheet HTML 4Page - Dorji Industrial Group Co.,Ltd DSPC01 Datasheet HTML 5Page - Dorji Industrial Group Co.,Ltd DSPC01 Datasheet HTML 6Page - Dorji Industrial Group Co.,Ltd DSPC01 Datasheet HTML 7Page - Dorji Industrial Group Co.,Ltd DSPC01 Datasheet HTML 8Page - Dorji Industrial Group Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DSPC01
Revision 1.21
Page
of 8
April. 2014
6
12. For temperature and altitude, the highest bit will show it is positive or negative. When the
highest bit is 1, the value is negative. The other bit show the actual value. For example, for altitude,
when the data got is 0x80111c, the actual altitude is : -438.0m.
Wake up command:
Start + 0x20 + ACK_from _module + 0x70 + ACK_from_module + stop
Delay 1s
Sleep command
Start + 0x20 + ACK_from _module + 0x71 + ACK_from_module + stop
Delay 100ms
Read altitude command
Start + 0x20 + ACK_from _module + 0xa0 + ACK_from_module + stop
Delay 200ms
Start + 0x21 + ACK_from _module + Data1 + ACK_from_master + Data2 + ACK_from_master + Data3 +
NACK_from_master + Stop
Delay 10ms
Read pressure command
Start + 0x20 + ACK_from _module + 0xb0 + ACK_from_module + stop
Delay 200ms
Start + 0x21 + ACK_from _module + Data1 + ACK_from_master + Data2 + ACK_from_master + Data3 +
NACK_from_master + Stop
Delay 10ms
Read weather forecast command
Start + 0x20 + ACK_from _module + 0xb3 + ACK_from_module + stop
Delay 200ms
Start + 0x21 + ACK_from _module + Data1 + NACK_from_master + Stop
Delay 10ms
Read Compass command
Start + 0x20 + ACK_from _module + 0xc0 + ACK_from_module + stop
Delay 200ms
Start + 0x21 + ACK_from _module + Data1 + ACK_from_master + Data2 + NACK_from_master + Stop
Delay 10ms
Read Temperature command
Start + 0x20 + ACK_from _module + 0x80 + ACK_from_module + stop
Delay 200ms
Start + 0x21 + ACK_from _module + Data1 + ACK_from_master + Data2 + NACK_from_master
+ Stop
Delay 10ms



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com