Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPC01 Datasheet(PDF) 1 Page - Dorji Industrial Group Co.,Ltd

Part # DSPC01
Description  Digital Compass Pressure Sensor Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DORJI [Dorji Industrial Group Co.,Ltd]
Direct Link  http://www.dorji.com/
Logo DORJI - Dorji Industrial Group Co.,Ltd

DSPC01 Datasheet(HTML) 1 Page - Dorji Industrial Group Co.,Ltd

  DSPC01 Datasheet HTML 1Page - Dorji Industrial Group Co.,Ltd DSPC01 Datasheet HTML 2Page - Dorji Industrial Group Co.,Ltd DSPC01 Datasheet HTML 3Page - Dorji Industrial Group Co.,Ltd DSPC01 Datasheet HTML 4Page - Dorji Industrial Group Co.,Ltd DSPC01 Datasheet HTML 5Page - Dorji Industrial Group Co.,Ltd DSPC01 Datasheet HTML 6Page - Dorji Industrial Group Co.,Ltd DSPC01 Datasheet HTML 7Page - Dorji Industrial Group Co.,Ltd DSPC01 Datasheet HTML 8Page - Dorji Industrial Group Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DSPC01
Revision 1.21
Page
of 8
April. 2014
1
DSPC01
Digital Compass Pressure Sensor Module
V1.20
Features:
Applications
Calibrated digital sensor
I2C data interface
Pressure resolution: 0.01hpa
Pressure accuracy: ±2hpa
Pressure range: 300~1100hpa
Altitude resolution: 1m
Altitude range: -689~8948m
Compass resolution: 1°
Compass accuracy:±3°
Compass range: 0°~359°
Temperature resolution: 0.1°C
Temperature accuracy: ±1°C
Temperature range: -40°C ~+85°C
Standby current ≤ 2uA
Supply voltage: 2.4~3.6V
GPS navigation
Sports watch
Digital Compass
Sports vehicle
Mobile altimeter
Barometer systems
Weather station
DESCRIPTION
DSPC01 is a type of digital sensor module which consists of a high resolution piezo-resistive
pressure sensor, a compass sensor and a MCU. By one module DSPC01 can measure pressure,
temperature and compass parameters. The output data are digitally calibrated and users can easily
access related data through I2C interface, which shortens the development time and simplifies the
work of designers greatly.
For pressure measurement DSPC01 module provides three modes: Altitude mode, Pressure mode
and Pattern mode. The pattern mode is used for forecasting the variation of weather and users can
know the weather conditions through the weather patterns (sunny, cloudy and rainy) displayed on
the screen. This function is similar to what weather station offers but more convenient and
concise.
DSPC01 modules work at 2.4~3.6V. It consumes about 2uA in standby mode and 1.5mA in
normal work mode. Because of its compact size and extra low power consumption, it is very
suitable for portable products.


Similar Part No. - DSPC01

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
DSPC-8601-USBE ADVANTECH-DSPC-8601-USBE Datasheet
825Kb / 2P
1-ch H.264 USB Video Capture Module with SDK
DSPC-8661-PCXE ADVANTECH-DSPC-8661-PCXE Datasheet
885Kb / 2P
16-ch PCIe Versatile Video Processing Board with SDK
DSPC-8661ACY01-AE ADVANTECH-DSPC-8661ACY01-AE Datasheet
825Kb / 2P
1-ch H.264 USB Video Capture Module with SDK
DSPC-8661ACY01-AE ADVANTECH-DSPC-8661ACY01-AE Datasheet
885Kb / 2P
16-ch PCIe Versatile Video Processing Board with SDK
DSPC-8661ACY01-AE ADVANTECH-DSPC-8661ACY01-AE Datasheet
943Kb / 2P
8ch 3G-SDI Video Encoder Card with SDK
More results

Similar Description - DSPC01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HMC6052 ETC1-HMC6052 Datasheet
161Kb / 6P
INTEGRATED COMPASS SENSOR
logo
Honeywell Solid State E...
HMR3100 HONEYWELL-HMR3100 Datasheet
461Kb / 7P
DIGITAL COMPASS SOLUTION
HMR3000 HONEYWELL-HMR3000 Datasheet
118Kb / 4P
Digital Compass Module
HMC6343 HONEYWELL-HMC6343 Datasheet
294Kb / 13P
3-Axis Digital Compass Module
logo
List of Unclassifed Man...
HM55B ETC2-HM55B Datasheet
642Kb / 25P
Compass Module
logo
Honeywell Solid State E...
HMR3300 HONEYWELL-HMR3300 Datasheet
196Kb / 11P
Digital Compass Solutions
logo
ALPS ELECTRIC CO.,LTD.
HSPPAD132A ALPS-HSPPAD132A Datasheet
303Kb / 7P
Digital Pressure Sensor
logo
Bosch Sensortec GmbH
BMP180 BOSCH-BMP180 Datasheet
633Kb / 29P
Digital pressure sensor
BMP280 BOSCH-BMP280 Datasheet
1Mb / 49P
Digital Pressure Sensor
logo
Panasonic Semiconductor
DP-001 PANASONIC-DP-001 Datasheet
800Kb / 10P
Digital Pressure Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com