Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPC01 Datasheet(PDF) 3 Page - Dorji Industrial Group Co.,Ltd

Part # DSPC01
Description  Digital Compass Pressure Sensor Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DORJI [Dorji Industrial Group Co.,Ltd]
Direct Link  http://www.dorji.com/
Logo DORJI - Dorji Industrial Group Co.,Ltd

DSPC01 Datasheet(HTML) 3 Page - Dorji Industrial Group Co.,Ltd

  DSPC01 Datasheet HTML 1Page - Dorji Industrial Group Co.,Ltd DSPC01 Datasheet HTML 2Page - Dorji Industrial Group Co.,Ltd DSPC01 Datasheet HTML 3Page - Dorji Industrial Group Co.,Ltd DSPC01 Datasheet HTML 4Page - Dorji Industrial Group Co.,Ltd DSPC01 Datasheet HTML 5Page - Dorji Industrial Group Co.,Ltd DSPC01 Datasheet HTML 6Page - Dorji Industrial Group Co.,Ltd DSPC01 Datasheet HTML 7Page - Dorji Industrial Group Co.,Ltd DSPC01 Datasheet HTML 8Page - Dorji Industrial Group Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DSPC01
Revision 1.21
Page
of 8
April. 2014
3
Hrr
Relative altitude resolution
1
m
Rc
Compass range
0
359
°
Ca
Compass accuracy
±3
°
Cr
Compass resolution
1
°
Rt
Temperature range
-40
85
°C
Tr
Temperature resolution
0.1
°C
Ta
Temperature accuracy @ 25°C
@ 0…+65°C
-2
±0.5
±1
2
°C
°C
Table 2 DSPC01 Electrical Specifications
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Min.
Max.
Units
VCC
Supply Voltage
-0.3
4.0
V
VI
Input voltage
-0.3
VCC+0.3
V
VO
Output voltage
-0.3
VCC+0.3
V
TST
Storage temperature
-40
85
°C
Table 3 DSPC01 Maximum Ratings
WORK MODE
1.
Initialization and Power-saving mode
Initialization:
It starts as soon as being powered on. After 200ms delay, the module will
enter into sleep mode.
Wake-up mode: The host sends command (0x70) to DSPC01 module. After 1s delay, the
sensor module then can accept other commands.
Sleep mode:
The DSPC01 module will enter into sleep mode after getting command
(0x71) from the host.
2.
Altitude Mode
The host sends command (0xA0) to DSPC01 and the module will return 3 bytes of Hex data
representing altitude value. The MSB of first byte is symbol bit so the altitude might be a
negative number. The remaining 23 bits will be divided by 10 and the result is the actual
altitude in meters.
E.g. 0x80 00 10 = 1 00000000000000000010000B  -1.6m
0x00 07 D1 =0 00000000000011111010001B  200.1m



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com