Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPC01 Datasheet(PDF) 5 Page - Dorji Industrial Group Co.,Ltd

Part # DSPC01
Description  Digital Compass Pressure Sensor Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DORJI [Dorji Industrial Group Co.,Ltd]
Direct Link  http://www.dorji.com/
Logo DORJI - Dorji Industrial Group Co.,Ltd

DSPC01 Datasheet(HTML) 5 Page - Dorji Industrial Group Co.,Ltd

  DSPC01 Datasheet HTML 1Page - Dorji Industrial Group Co.,Ltd DSPC01 Datasheet HTML 2Page - Dorji Industrial Group Co.,Ltd DSPC01 Datasheet HTML 3Page - Dorji Industrial Group Co.,Ltd DSPC01 Datasheet HTML 4Page - Dorji Industrial Group Co.,Ltd DSPC01 Datasheet HTML 5Page - Dorji Industrial Group Co.,Ltd DSPC01 Datasheet HTML 6Page - Dorji Industrial Group Co.,Ltd DSPC01 Datasheet HTML 7Page - Dorji Industrial Group Co.,Ltd DSPC01 Datasheet HTML 8Page - Dorji Industrial Group Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DSPC01
Revision 1.21
Page
of 8
April. 2014
5
bits will be divided by 10 and the result is the actual temperature in Celsius degree.
E.g. 0x80 12 = 1 000000000010010B  -1.8 °C
0x01 17 = 0 000000100010111B  27.9 °C
Command
Function
Returned Value
Explanation
80
Read temp value
0x XX XX
Signed value; one decimal fraction
Table 8 DSPC01 Temperature Mode
7.
Communication
DSPC01 communicates with the host through I2C interface so three wires are needed for
normal operation. The address for “write operation” is 0x20 and for “read operation” it is
0x21. Because the pull-up resisters are installed on the DSPC01 module, the host doesn’t need
any pull-up for I2C interface.
TECHNICAL NOTES
1.
The timing for “Start”, “Stop”, “ACK”, “NACK”, “write” and “read” is same as I2C
2.
The timing for write is : start + write 0x20 +ACK + write command + ACK + stop
3.
The timing for read is : start + write 0x21 + ACK + read data1 + ACK + read data2+ ACK
+…read datax+ NACK + stop
4.
For compass calibration, it will last for around 9.5s, during this period, it won’t respond for
any command.
5.
For any command, if you don’t get the ACK from the module, you must add the timeout (0.1s)
in your program. And resend this command again till you got the right ACK.
6.
When switching the write command to read command you need to wait 150ms and 10ms for
switching from read to write.
7.
When you want the module to be in power save mode, you need to send the write command
(0x71)
8.
When wake up from sleep mode, you need to send write command (0x70), and also any
commands except 0x71 will wake up the module.
9.
For the frequency of I2C, it can’t be higher than 10 KHz. For old version of sensor, the
highest frequency can’t exceed 5 KHz so users can try to start at 5 KHz or lower.
10. For the power supply it is limited to ( 2.4 – 3.6V)
11. For data reading, the highest byte is first and MSB in each byte. For example
Start + 0x20 + ack + 0xa0 + ack + stop
Delay 200ms
Start + 0x21 + ack + 0x00 + ack + 0x03 + ack + 0x48+ NACK + stop
The altitude got is 0x000348, and it is 84.0m



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com