Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPC01 Datasheet(PDF) 2 Page - Dorji Industrial Group Co.,Ltd

Part # DSPC01
Description  Digital Compass Pressure Sensor Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DORJI [Dorji Industrial Group Co.,Ltd]
Direct Link  http://www.dorji.com/
Logo DORJI - Dorji Industrial Group Co.,Ltd

DSPC01 Datasheet(HTML) 2 Page - Dorji Industrial Group Co.,Ltd

  DSPC01 Datasheet HTML 1Page - Dorji Industrial Group Co.,Ltd DSPC01 Datasheet HTML 2Page - Dorji Industrial Group Co.,Ltd DSPC01 Datasheet HTML 3Page - Dorji Industrial Group Co.,Ltd DSPC01 Datasheet HTML 4Page - Dorji Industrial Group Co.,Ltd DSPC01 Datasheet HTML 5Page - Dorji Industrial Group Co.,Ltd DSPC01 Datasheet HTML 6Page - Dorji Industrial Group Co.,Ltd DSPC01 Datasheet HTML 7Page - Dorji Industrial Group Co.,Ltd DSPC01 Datasheet HTML 8Page - Dorji Industrial Group Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DSPC01
Revision 1.21
Page
of 8
April. 2014
2
PIN FUNCTIONS
Figure 1: DSPC01 Pin Layout
PIN
DIP
Function
Description
1
GND
Ground
Ground (0V)
2
SDA
Input/output
I2C serial port, data pin
3
SCK
Input
I2C serial port, clock pin
4
VCC
Power
Power supply
5
GND
Ground
Ground (0V)
6
GND
Ground
Ground (0V)
7
GND
Ground
Ground (0V)
Table 1 DSPC01 Pin functions
ELECTRICAL SPECIFICATIONS
Symbol
Parameter (condition)
Min.
Typ.
Max.
Units
VCC
Supply Voltage
2.4
3
3.6
V
Temp
Operating temperature range
-40
25
85
°C
IDD
Sleep mode
Normal working mode
2
1.5
uA
mA
Rp
Pressure range
300
1100
hpa
Pa
Absolute pressure accuracy
±1.5
hpa
Par
Absolute pressure resolution
0.01
hpa
Pr
Relative pressure accuracy
±0.12
hpa
Prr
Relative pressure resolution
0.01
hpa
Ra
Altitude range
-698
8943
m
Ha
Absolute altitude accuracy
±12
m
Har
Absolute altitude resolution
1
m
Hr
Relative altitude accuracy
±1
m



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com