Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9205M-DS-R03 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # TC9205M-DS-R03
Description  5-Port 10/100/1000 Smart Ethernet Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TC9205M-DS-R03 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button TC9205M-DS-R03 Datasheet HTML 7Page - List of Unclassifed Manufacturers TC9205M-DS-R03 Datasheet HTML 8Page - List of Unclassifed Manufacturers TC9205M-DS-R03 Datasheet HTML 9Page - List of Unclassifed Manufacturers TC9205M-DS-R03 Datasheet HTML 10Page - List of Unclassifed Manufacturers TC9205M-DS-R03 Datasheet HTML 11Page - List of Unclassifed Manufacturers TC9205M-DS-R03 Datasheet HTML 12Page - List of Unclassifed Manufacturers TC9205M-DS-R03 Datasheet HTML 13Page - List of Unclassifed Manufacturers TC9205M-DS-R03 Datasheet HTML 14Page - List of Unclassifed Manufacturers TC9205M-DS-R03 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
TC9205M
Preliminary Data Sheet
Pin Listing (continued)
No.
Pin label
Type
Description
W18 TxEn3
O
GMII/MII transmit enable
Y14 GTxClk3
O
GMII transmit clock
D15 Vss 3.3
G
Digital ground for I/O
Y18 TxEr3
I/Opd Transmit Error
W14 TxClk3
I
MII transmit clock
W10 Crs3
Is
MII carrier sense indication
V10 Col3
Is
MII collision indication
Y15 RxEr3
Is
Receive Error
H17 Vdd 2.0
P
Digital +2.0V power supply for core
V14 RxClk3
I
MII receive clock
Y13 RxDv3
Is
GMII/MII data valid
V11
RxData3_0
Is
GMII receive data - least significant nibble.
MII receive data
W11 RxData3_1
Is
GMII receive data - least significant nibble.
MII receive data
Y11
RxData3_2
Is
GMII receive data - least significant nibble.
MII receive data
Y12 RxData3_3
Is
GMII receive data - least significant nibble.
MII receive data
W12 RxData3_4
Is
GMII receive data - most significant nibble
V12 RxData3_5
Is
GMII receive data - most significant nibble
V13 RxData3_6
Is
GMII receive data - most significant nibble
W13 RxData3_7
Is
GMII receive data - most significant nibble
TxData4_7
GMII transmit data - bit 7
N19
BcstThrot
I/Opd
Enables broadcast throttling.
'1' – Enable
'0' – Disable
BcstThrot is latched on reset.
TxData4_6
GMII transmit data - bit 6
N18
OBMTest
I/Opd
Sets the switch into a special test mode. This test mode require
crossover loopbacks cables to be placed on the pair ports: 1 & 2,2 &
3, 3 & 4, 4 & 5,5 & 6 while ports 0 and 7 will be accessible to the test
machine.
'1' – enabled
'0' – disabled
OBMTest is latched on reset.
TxData4_5
GMII transmit data - bit 5
P20
FcBcstMode
I/Opd
Changes the way flow control threshold is handled while in broadcast
situations.
'1' – only the flow control threshold on the broadcast queue is considered
'0' – flow control thresholds associated to each source port originating
the broadcast frames are considered
FCBcstMode is latched on reset.
Confidential.
11/51
July 30, 2003
Copyright © 2003, IC Plus Corp.
TC9205M-DS-R03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com