Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9205M-DS-R03 Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # TC9205M-DS-R03
Description  5-Port 10/100/1000 Smart Ethernet Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TC9205M-DS-R03 Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button TC9205M-DS-R03 Datasheet HTML 25Page - List of Unclassifed Manufacturers TC9205M-DS-R03 Datasheet HTML 26Page - List of Unclassifed Manufacturers TC9205M-DS-R03 Datasheet HTML 27Page - List of Unclassifed Manufacturers TC9205M-DS-R03 Datasheet HTML 28Page - List of Unclassifed Manufacturers TC9205M-DS-R03 Datasheet HTML 29Page - List of Unclassifed Manufacturers TC9205M-DS-R03 Datasheet HTML 30Page - List of Unclassifed Manufacturers TC9205M-DS-R03 Datasheet HTML 31Page - List of Unclassifed Manufacturers TC9205M-DS-R03 Datasheet HTML 32Page - List of Unclassifed Manufacturers TC9205M-DS-R03 Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 51 page
background image
TC9205M
Preliminary Data Sheet
10.3.2
Port [X] Configuration Register
Confidential.
29/51
July 30, 2003
Copyright © 2003, IC Plus Corp.
TC9205M-DS-R03
-
-
Addresses: 05h – 0eh
Note: x is in range 0 to 4
7 6 5 4 3 2 1 0
ANMode
ForceIntMode
Speed
Duplex
ForceLink
not used
TxDisable
RxDisable
DisFdxFCTx
DisFdxFCRx
DisBackPres
PortPriorityEn
PortPriority
ConfigRegP[x]
15 14 13 12 11 10 9 8
Bit(s)
Field
Description
1 - 0
ANMode
Operating mode selection for the phy configuration/polling entity
2
ForceIntMode
Internal speed and duplex selection enforcement
4 - 3
Speed
Internal speed selection (10 Mbps/100Mbps/1000Mbps)
5
Duplex
Internal duplex selection (full/half)
6
ForceLnk
Force Link Status to ‘ON’
7
not used
not used
8
TxDisable
Disable transmit MAC
9
RxDisable
Disable receive MAC
10
DisFdxFCTx
Disable flow control in full duplex on transmit side
11
DisFdxFCRx
Disable flow control in full duplex on receive side
12
DisBackPres
Disable backpressure
13
PortPriorityEn
Enable port priority
15 - 14
PortPriority
Sets the priority class(class 0, class 1, class 2, class 3)
ANMode
This field selects the way auto-negotiation advertisements are configured by
theTC9205M’s physical layer management polling entity and the way Phy speed
and duplex modes are extracted from management registers. It can enable
EEPROM forced modes that also use Duplex and Speed bits below to configure
the Phy mode.
00 – Normal Mode
01 – Advertise one mode
10 – Advertise multiple modes
11 – Disable auto-negotiation
Default is “00”(0).
ForceIntMode
This bit selects the source of internal port mode configuration. When this bit is ‘0’
the port's speed and duplex is configured according to Phy polling results,
otherwise it is set as indicated by following Speed and Duplex. Default is ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com