Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9205M-DS-R03 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # TC9205M-DS-R03
Description  5-Port 10/100/1000 Smart Ethernet Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TC9205M-DS-R03 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button TC9205M-DS-R03 Datasheet HTML 22Page - List of Unclassifed Manufacturers TC9205M-DS-R03 Datasheet HTML 23Page - List of Unclassifed Manufacturers TC9205M-DS-R03 Datasheet HTML 24Page - List of Unclassifed Manufacturers TC9205M-DS-R03 Datasheet HTML 25Page - List of Unclassifed Manufacturers TC9205M-DS-R03 Datasheet HTML 26Page - List of Unclassifed Manufacturers TC9205M-DS-R03 Datasheet HTML 27Page - List of Unclassifed Manufacturers TC9205M-DS-R03 Datasheet HTML 28Page - List of Unclassifed Manufacturers TC9205M-DS-R03 Datasheet HTML 29Page - List of Unclassifed Manufacturers TC9205M-DS-R03 Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 51 page
background image
TC9205M
Preliminary Data Sheet
Physical
Address
Bits
Register Name
Validation
Bit
DESCRIPTION
EEPROM
3fh
[7:0] IPTosMapping [ 7 downto 0 ]
40h
[7:0] IPTosMapping [15 downto 8 ]
IPTosMapping IP Priority Mapping Register
41h
[7:0] VLANPriMapping [7 downto 0 ]
42h
[7:0] VLANPriMapping [15 downto 8 ]
VLANPriMapping VLAN Priority Mapping Register
43h
[7:0] CoSBandwidth [7 downto 0 ]
44h
[7:0] CoSBandwidth [15 downto 8 ]
CoSBandwidth CoS Bandwidth Register
45h
[7:0] [7 downto 0 ]
46h
[7:0] [15 downto 8 ]
Reserved Register
47h
[7:0] CosConfig [7 downto 0]
CoSConfig
CoS Configuration Register
48h
[7:0] PortMirrorReg [7 downto 0 ]
49h
[7:0] PortMirrorReg [15 downto 8 ]
PortMirrorReg Port Mirroring Configuration
Register
4ah
[7:0] GeneralConfig [ 7 downto 0 ]
GeneralConfig General Configuration Register
4bh – 4eh
Reserved
4fh
[7:0] PortVLANEn
PortVLANEn
Port VLAN Enable Register
50h
[7:0] VLAN0Reg [ 7 downto 0]
PVIDEn
ID 0 virtual LAN Register
51h
Reserved
52h
[7:0] VLAN1Reg [ 7 downto 0]
PVIDEn
ID 1 virtual LAN Register
53h
Reserved
54h
[7:0] VLAN2Reg [ 7 downto 0]
PVIDEn
ID 2 virtual LAN Register
55h
Reserved
56h
[7:0] VLAN3Reg [ 7 downto 0]
PVIDEn
ID 3 virtual LAN Register
57h
Reserved
58h
[7:0] VLAN4Reg [ 7 downto 0]
PVIDEn
ID 4 virtual LAN Register
59h
Reserved
5ah
Reserved
5bh
Reserved
5ch
Reserved
5dh
Reserved
5eh
Reserved
5fh – 6fh
Reserved
70h
[7:0] DataWriteReg [15 downto 8 ]
71h
[7:0] DataWriteReg [ 7 downto 0 ]
-
Data Write Register
72h
[7:0] PhyAddress [ 7 downto 0 ]
-
Phy Address Register
73h
[7:0] RegAddress [ 7 downto 0 ]
-
Phy's Register Address Register
74h
[7:0] IOControl [ 7 downto 0 ]
-
IO Control Register
75h
[7:0] DataReadReg [ 7 downto 0 ]
76h
[7:0] DataReadReg [ 15 downto 8 ]
-
Data Read Register
Confidential.
26/51
July 30, 2003
Copyright © 2003, IC Plus Corp.
TC9205M-DS-R03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com